Electronic Components Datasheet Search
  English  ▼

X  

ICE2PCS02 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # ICE2PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2PCS02 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button ICE2PCS02 Datasheet HTML 10Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 11Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 12Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 13Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 14Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 15Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 16Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 17Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
CCM-PFC
ICE2PCS02/G
Electrical Characteristics
Version 2.3
14
9 Oct 2007
4.3
Characteristics
Note:
The electrical characteristics involve the spread of values within the specified supply voltage and junction
temperature range TJ from – 40 °C to 125°C.Typical values represent the median values, which are
related to 25°C. If not otherwise stated, a supply voltage of VCC =18V is assumed for test condition.
4.3.1
Supply Section
4.3.2
PWM Section
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
VCC Turn-On Threshold
VCCon
11.4
11.8
12.7
V
VCC Turn-Off Threshold/
Under Voltage Lock Out
VCCUVLO
10.4
11.0
11.7
V
VCC Turn-On/Off Hysteresis
VCChy
0.65
0.8
1.4
V
Start Up Current
Before VCCon
ICCstart
-
450
1100
µA
VVCC=VVCCon -0.1V
Operating Current with active GATE
ICCHG
-10
13
mA
CL= 4.7nF
Operating Current during Standby
ICCStdby
-
700
1300
µA
VVSENSE= 0.5V
VICOMP= 4V
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Fixed Oscillator Frequency
fSW
58
65
70
kHz
Max. Duty Cycle
DMAX
92
95
98.5
%
Min. Duty Cycle
DMIN
0%
VVCOMP= 0V, VVSENSE= 3V
VICOMP= 4.3V
Min. Off Time
TOFFMIN
270
400
770
ns
VVSENSE= 3V
VISENSE= 0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com