Electronic Components Datasheet Search
  English  ▼

X  

TLE6209R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6209R
Description  7 A H-Bridge for DC-Motor Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6209R Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6209R Datasheet HTML 2Page - Infineon Technologies AG TLE6209R Datasheet HTML 3Page - Infineon Technologies AG TLE6209R Datasheet HTML 4Page - Infineon Technologies AG TLE6209R Datasheet HTML 5Page - Infineon Technologies AG TLE6209R Datasheet HTML 6Page - Infineon Technologies AG TLE6209R Datasheet HTML 7Page - Infineon Technologies AG TLE6209R Datasheet HTML 8Page - Infineon Technologies AG TLE6209R Datasheet HTML 9Page - Infineon Technologies AG TLE6209R Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TLE 6209 R
Data Sheet, Version 3.1
6
2007-08-01
Table 2
Programmable Chopper Current Limit
I
L_xx
Bit 1
Bit 0
Current limit
00
I
L_00
01
I
L_01
10
I
L_10
11
I
L_11
Note: For actual values, see page 16
Table 3
Programmable Chopper OFF-time
t
OFF_xx
Bit 4
Bit 3
Chopper-OFF-time
00
t
OFF_00
01
t
OFF_01
10
t
OFF_10
11
t
OFF_11
Note: For actual values, see page 16
Table 4
Diagnosis Data Protocol
Bit
H = Error/L = no error
7
Power supply fail
6
not used, always H
5
Short to
V
S or across the load
4
Short to GND
3
Open load
2
MSB of Temperature Monitoring
1
LSB of Temperature Monitoring
0
Error-Flag
Table 5
Temperature Monitoring
Bit 2
Bit 1
Chip Temperature
0
0
Below Prewarning
0
1
Temperature Prewarning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com