Electronic Components Datasheet Search
  English  ▼

X  

MAX209C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX209C/D
Description  5V, RS-232 Transceivers with 0.1關F External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX209C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX209C/D Datasheet HTML 2Page - Maxim Integrated Products MAX209C/D Datasheet HTML 3Page - Maxim Integrated Products MAX209C/D Datasheet HTML 4Page - Maxim Integrated Products MAX209C/D Datasheet HTML 5Page - Maxim Integrated Products MAX209C/D Datasheet HTML 6Page - Maxim Integrated Products MAX209C/D Datasheet HTML 7Page - Maxim Integrated Products MAX209C/D Datasheet HTML 8Page - Maxim Integrated Products MAX209C/D Datasheet HTML 9Page - Maxim Integrated Products MAX209C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
6
RS-232 Receivers
The receivers convert RS-232 signals to CMOS logic
output levels. Receiver outputs are inverting, maintain-
ing compatibility with driver outputs. The guaranteed
receiver input thresholds of +0.8V and +2.4V are signifi-
cantly tighter than the Q3.0V threshold required by the
EIA/TIA-232E specification. This allows receiver inputs
to respond to TTL/CMOS logic levels and improves noise
margin for RS-232 levels.
The MAX200–MAX209/MAX211/MAX213 guaranteed
+0.8V threshold (+0.6V in shutdown for the MAX213)
ensures that receivers shorted to ground have a logic 1
output. Also, the 5kI input resistance to ground ensures
that a receiver with its input left open also has a logic 1
output.
Receiver inputs have approximately +0.5V hysteresis.
This provides clean output transitions, even with slow
rise and fall time input signals with moderate amounts of
noise and ringing. In shutdown, the MAX213 receivers
R4 and R5 have no hysteresis.
Figure 3. Transition Slew-Rate Test Circuit
Figure 4. Dual Charge-Pump Diagram
+5V
0V (+5V)
0V (+5V)
0.1FF
0.1FF
0.1FF
C1+
C1-
C2+
C2-
400kI
3kI
2500pF
5kI
VCC
V+
V-
TIN
+5V
T1 T0 T5
R1 T0 R5
TOUT
RIN
0.1FF
ROUT
SHDN (SHDN)
EN (EN)
MAX200-MAX209
MAX211
MAX213
+5V
0V (+5V)
MAXIMUM SLEW-RATE
TEST CIRCUIT
MINIMUM SLEW-RATE
TEST CIRCUIT
NOTE: ( ) ARE FOR MAX213.
0V (+5V)
0.1FF
0.1FF
0.1FF
C1+
C1-
C2+
C2-
400kI
7kI
50pF
5kI
VCC
V+
V-
TIN
+5V
T1 T0 T5
R1 T0 R5
TOUT
RIN
0.1FF
ROUT
SHDN (SHDN)
EN (EN)
MAX200-MAX209
MAX211
MAX213
0.1FF
0.1FF
V+ V+
S5
S1
S2
C1+
S6
C2+
IL+
C3
C2
C4
GND
RL-
V-
S7
S8
GND
VCC
IL-
RL+
C2-
C1
VCC
200kHz
S3
S4
C1-
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com