Electronic Components Datasheet Search
  English  ▼

X  

TLE4276 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4276
Description  Low Drop Voltage Regulator 400 mA current capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4276_07 Datasheet HTML 1Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 2Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 3Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 4Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 5Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 6Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 7Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4276_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Data Sheet
2
Rev. 2.7, 2007-10-23
TLE 4276
Functional Description
The TLE 4276 is a low-drop voltage regulator in a TO package. The IC regulates an input
voltage up to 40 V to
V
Q,nom = 5.0 V (V50), 8.5 V (V85), 10 V (V10) and adjustable voltage
(V). The maximum output current is 400 mA. The IC can be switched off via the inhibit
input, which causes the current consumption to drop below 10
µA. The IC is short-circuit-
proof and includes temperature protection which turns off the device at overtemperature.
Dimensioning Information on External Components
The input capacitor
C
I is necessary for compensation of line influences. Using a resistor
of approx. 1
Ω in series with C
I, the oscillating of input inductivity and input capacitance
can be damped. The output capacitor
C
Q is necessary for the stability of the regulation
circuit. Stability is guaranteed at values
C
Q ≥ 22 µF and an ESR of ≤ 3 Ω within the
operating temperature range.
Circuit Description
The control amplifier compares a reference voltage to a voltage that is proportional to the
output voltage and drives the base of the series transistor via a buffer. Saturation control
as a function of the load current prevents any oversaturation of the power element. The
IC also incorporates a number of internal circuits for protection against:
•
Overload
•
Overtemperature
•
Reverse polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com