Electronic Components Datasheet Search
  English  ▼

X  

TLE4276-2 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4276-2
Description  Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276-2 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4276-2 Datasheet HTML 8Page - Infineon Technologies AG TLE4276-2 Datasheet HTML 9Page - Infineon Technologies AG TLE4276-2 Datasheet HTML 10Page - Infineon Technologies AG TLE4276-2 Datasheet HTML 11Page - Infineon Technologies AG TLE4276-2 Datasheet HTML 12Page - Infineon Technologies AG TLE4276-2 Datasheet HTML 13Page - Infineon Technologies AG TLE4276-2 Datasheet HTML 14Page - Infineon Technologies AG TLE4276-2 Datasheet HTML 15Page - Infineon Technologies AG TLE4276-2 Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
12
Rev. 1.1, 2007-09-21
TLE 4276-2
Typical Performance Characteristics for V50:
Output Voltage
V
Q versus
Temperature
T
j
Low Voltage Behavior
Current Consumption
I
q versus
Input Voltage
V
I
High Voltage Behavior
AED03081
-40
040
80
120 ˚C 160
4.8
j
T
Q
V
5.2
V
V
I = 13.5 V
4.9
5.0
5.1
AED01968
0
24
6
8
V10
0
Q
V
2
4
6
V
V
I =
5
3
1
Q
V
T
j = 25 ˚C
L
R = 20
Ω
I
V
V
Q
0
0
20
30
10
mA
50
AED01967
q
Ι
10
20
30
V
RL = 20 Ω
V Ι
T j = 25 C
AED03082_4276
-50
-2
I
V
I
I
T = 25 ˚C
L
R = 6.8 k
-25
0
25
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
mA
V
Ω
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com