Electronic Components Datasheet Search
  English  ▼

X  

TLE42644 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE42644
Description  Low Dropout Fixed Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42644 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE42644 Datasheet HTML 4Page - Infineon Technologies AG TLE42644 Datasheet HTML 5Page - Infineon Technologies AG TLE42644 Datasheet HTML 6Page - Infineon Technologies AG TLE42644 Datasheet HTML 7Page - Infineon Technologies AG TLE42644 Datasheet HTML 8Page - Infineon Technologies AG TLE42644 Datasheet HTML 9Page - Infineon Technologies AG TLE42644 Datasheet HTML 10Page - Infineon Technologies AG TLE42644 Datasheet HTML 11Page - Infineon Technologies AG TLE42644 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
11
Rev. 1.01, 2009-09-30
TLE42644
Revision History
7
Revision History
Revision
Date
Changes
1.0
2009-06-26
initial version data sheet
1.01
2009-09-30
updated version data sheet; typing error corrected in Table 4.1 “Absolute
Maximum Ratings” on Page 5: In Item 4.1.1 min. value corrected from “-42V” to
“-30V”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com