Electronic Components Datasheet Search
  English  ▼

X  

TLE4305 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4305
Description  Voltage-Current Regulator Wide supply voltage operation range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4305 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4305_08 Datasheet HTML 3Page - Infineon Technologies AG TLE4305_08 Datasheet HTML 4Page - Infineon Technologies AG TLE4305_08 Datasheet HTML 5Page - Infineon Technologies AG TLE4305_08 Datasheet HTML 6Page - Infineon Technologies AG TLE4305_08 Datasheet HTML 7Page - Infineon Technologies AG TLE4305_08 Datasheet HTML 8Page - Infineon Technologies AG TLE4305_08 Datasheet HTML 9Page - Infineon Technologies AG TLE4305_08 Datasheet HTML 10Page - Infineon Technologies AG TLE4305_08 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TLE 4305
Data Sheet
7
Rev. 2.2, 2008-11-17
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A = 25 °C and
the given supply voltage.
Output current;
current loop controlled
I
OUT
-8.5
-4
-2
mA
10 V <
V
S < 42 V;
V
CSE = 0 V;
V
CRE = 5 V;
V
OUT = 0 V
Output current;
current loop controlled
I
OUT
-4.5
-2.0
-0.5
mA
8 V <
V
S < 10 V;
V
CSE = 0 V;
V
CRE = 5 V;
V
OUT = 0 V
Table 4
Electrical Characteristics (cont’d)
8 V <
V
S < 42 V; -40 °C < Tj < 150 °C; IOUT = 0 mA; all voltages with respect to ground;
positive current defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com