Electronic Components Datasheet Search
  English  ▼

X  

TLE4305G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4305G
Description  Voltage-Current Regulator Wide supply voltage operation range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4305G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4305G Datasheet HTML 4Page - Infineon Technologies AG TLE4305G Datasheet HTML 5Page - Infineon Technologies AG TLE4305G Datasheet HTML 6Page - Infineon Technologies AG TLE4305G Datasheet HTML 7Page - Infineon Technologies AG TLE4305G Datasheet HTML 8Page - Infineon Technologies AG TLE4305G Datasheet HTML 9Page - Infineon Technologies AG TLE4305G Datasheet HTML 10Page - Infineon Technologies AG TLE4305G Datasheet HTML 11Page - Infineon Technologies AG TLE4305G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
8
Rev. 2.2, 2008-11-17
TLE 4305
Application Information
The TLE 4305 is a voltage and current regulator for Switch Mode Power Supply (SMPS)
applications.
It controls the output voltage and the maximum output current of a power supply unit. It
is located on the secondary side of the SMPS.
The TLE 4305 consists of a output voltage control loop and a current control loop. The
driver is especially designed to drive the opto-isolator. The current controls the PWM
duty cycle of the primary regulator.
Isolated SMPS
Switch mode power supply (SMPS) systems generate a regulated DC voltage
V
Q that is
isolated from the primary side. A maximum output current
I
Qmax is defined to protect the
system in any load failures.
Figure 3
Isolated SMPS Principle
The principle of an isolated SMPS is shown in Figure 3. The primary side of the SMPS
is supplied by the line. The secondary side supplies a regulated voltage to the load.
Primary and secondary side are isolated from each other by the transformer and an opto
isolator.
A SMPS controller such as the Infineon TDA1683x controls the PWM duty cycle of the
output voltage signal. The signal is transmitted by a Transformer with n1:n2 (n: number
of windings). On the secondary side a load capacitor is charged. The secondary
regulator controls the output voltage
V
Q and limits the output current. It generates an
analog control signal to the primary side through an opto isolator to regulate the PWM
duty cycle of the primary signal. The loop is closed through the primary SMPS regulator
and the transformer.
Simple SMPS defines the output voltage by a voltage divider and a transistor. This
requires very precise resistor values and due to the nature of the transistor the control
signal is dependent on temperature and device variation. The current limitation has to be
done on the primary side with elements suitable for high voltages.
AES02888
SMPS
with
Cool Set
Secondary
Regulator
with
TLE 4305
Opto
Isolator
Line
Precise Output Voltage
Output Current precise limited
Short circuit protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com