Electronic Components Datasheet Search
  English  ▼

X  

TLE4305 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4305
Description  Voltage-Current Regulator Wide supply voltage operation range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4305 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4305 Datasheet HTML 1Page - Infineon Technologies AG TLE4305 Datasheet HTML 2Page - Infineon Technologies AG TLE4305 Datasheet HTML 3Page - Infineon Technologies AG TLE4305 Datasheet HTML 4Page - Infineon Technologies AG TLE4305 Datasheet HTML 5Page - Infineon Technologies AG TLE4305 Datasheet HTML 6Page - Infineon Technologies AG TLE4305 Datasheet HTML 7Page - Infineon Technologies AG TLE4305 Datasheet HTML 8Page - Infineon Technologies AG TLE4305 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLE 4305
Data Sheet
5
Rev. 2.2, 2008-11-17
Table 4
Electrical Characteristics
8 V <
V
S < 42 V; -40 °C < Tj < 150 °C; IOUT = 0 mA; all voltages with respect to ground;
positive current defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Current Consumption
Supply current
I
S
–11.5
mA
V
S = 9 V;
T
j = 25 °C
Supply current
I
S
––2mA
V
S = 9 V
Supply current
I
S
–1.5
2.5
mA
V
S = 42 V;
T
j = 25 °C
Supply current
I
S
––4mA
V
S = 42 V
Reference Voltage (measurable at pin CSE)
Voltage at pin CSE
V
CSE,ref
2.45
2.50
2.55
V
T
j = 25 °C;
I
CSE = 0 mA
Voltage at pin CSE
V
CSE,ref
2.425 –
2.575 V
I
CSE = 0 mA
Temperature Coefficient
∆V
CSE,ref
-50
–
50
ppm/K –
Voltage-OTA; Pin VSE and VCO
Input voltage threshold
V
VSE
–
V
REF
–V
I
VCO = 0 mA;
V
VCO = 2.5 V
Input offset voltage
V
VSE,io
-5
–
5
mV
I
VCO = 0 mA;
V
VCO = 2.5 V
Transconductance
g
V
–1–mS
g
V = ∆IVCO / ∆UVSE
Output series resistor
R
VCO
–2–k
Ω
–
Gain Bandwidth Product
B
V
–500
–kHz
–
Input current
I
VSE
-1.0
-0.2
-0
µA
V
VSE = 0 V
Output current;
source
I
VCO
-150
-60
-25
µA
V
VSE = 5 V;
V
VCO = 2.5 V
Output current;
sink
I
VCO
25
60
150
µA
V
VSE = 0 V;
V
VCO = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com