Electronic Components Datasheet Search
  English  ▼

X  

TLE7230R Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch Features Low Quiescent Current< 10關A
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7230R Datasheet HTML 3Page - Infineon Technologies AG TLE7230R Datasheet HTML 4Page - Infineon Technologies AG TLE7230R Datasheet HTML 5Page - Infineon Technologies AG TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG TLE7230R Datasheet HTML 10Page - Infineon Technologies AG TLE7230R Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet TLE 7230 R
V3.4
Page
2009-07-15
7
Note: The overtemperature sensors of the output channels are only active if the channel is turned on.
Low Quiescent Current Mode (Sleep Mode) :
By applying a low signal at the Reset Pin, the device can be set to sleep mode. In this mode, all out-
puts are turned off, diagnosis and biasing are disabled, the diagnosis and the on/off register are reset
and the current consumption is drastically reduced (<10µA). Once the reset signal returns to high, all
outputs except for those controlled by parallel inputs remain off.
Overload Protection:
The IC can be programmed to react in different ways to overload.
• Only Current limit: The IC actively limits the current to the specified current limit value. If the
current limitation is active for longer than the fault filtering time, a fault is reported and stored in
the Fault register. Unless the channel reaches the overtemperature shutdown threshold, the
channel is not shutdown.
• Current limit + shutdown: The IC actively limits the current to the specified current limit value.
If this current limit is active for more than the specified Overload switch off delay time the af-
fected channel is turned off and the fault is reported and stored in the fault register. To turn on
the channel again this overload latch must be reset with a L
à H transition of the input signal
(parallel /SPI depending on the programmed operation).
Pin description:
OUTPUT 1 to 8 – Drain pins of the 8 channels. Output pins to connect to loads.
GND – Ground pins.
IN 1 to 3 – Parallel Input Pins of the channels 1 to 3
IN 4 – Mapable parallel Input Pin. Can be assigned to different outputs by SPI command. Default Out-
put is OUT4
PRG - Program pin.
PRG = High (VS):
Parallel inputs 1 to 4 are high active
PRG = Low (GND): Parallel inputs 1 to 4 are low active.
If the parallel input pins are not connected (independent of high or low activity) it is guaran-
teed that the channels 1 to 4 are switched OFF.
PRG pin itself is internally pulled up when not connected.
Reset - If the reset pin is in a logic low state, it clears the SPI shift register and switches all
outputs OFF. An internal pull-up structure is provided on chip.
Fault - There is a general fault pin (open drain) which shows a high to low transition as soon
as an error occurs at any one of the eight channels. This fault indication can be used to gen-
erate a µC interrupt. Therefore a ‘diagnosis’ interrupt routine need only be called after this
fault indication. This saves processor time compared to a cyclic reading of the SO information.
VDO – Supply pin of the Signal Output (SO) pin of the SPI interface . This pin can be used to vary the
high-state output voltage of the SO pin.
Vs – Logic supply pin. This pin is used to supply the integrated circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com