Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
13892
PIN CONNECTIONS
H10
G12
SW1FB
3.6
Input
Switcher 1 Feedback
Switcher 1 feedback
H12
L12
STANDBYSEC
3.6
Input
Secondary Standby
Signal
Standby input signal from peripherals
H13
J13, J14
SW2IN
5.5
Input
Switcher 2 Input
Input voltage for Switcher 2
J1
J1, J2
SW4IN
5.5
Power
Switcher 4 Input
Switcher 4 input
J2
N2
MOSI
3.6
Input
Master Out Slave In
Primary SPI write input
J4
M3
CLK32KMCU
3.6
Output
32 kHz Clock for MCU 32 kHz clock output for processor
J5
M6
STANDBY
3.6
Input
Standby Signal
Standby input signal from processor
J6
N11
GNDADC
-
Ground
ADC Ground
Ground for A to D circuitry
J7
P12
GNDREG1
-
Ground
Regulator 1 Ground
Ground for regulators 1
J8
D12
PWRON3
3.6
Input
Power On 3
Power on/off button connection 3
J9
M12
TSX1
3.6
Input
Touch Screen
Interface X1
Touch screen interface X1
J10
J12
SW2FB
3.6
Input
Switcher 2 Feedback
Switcher 2 feedback
J12
M13
TSX2
3.6
Input
Touch Screen
Interface X2
Touch screen interface X2
J13
L14
SW2OUT
5.5
Output
Switcher 2 Output
Switcher 2 output
K1
L1
SW4OUT
5.5
Output
Switcher 4 Output
Switcher 4 output
K2
K3
SPIVCC
3.6
Input
Supply Voltage for SPI Supply for SPI bus and audio bus
K4
P3
PWGTDRV1
4.8
Output
Power Gate Driver 1
Power gate driver 1
K5
M4
CLK32K
3.6
Output
32 kHz Clock
32 kHz clock output for peripherals
K6
L7
VCAM
3.6
Output
Camera Supply
Output regulator camera
K7
M8
CFP
4.8
Passive
Current Filter Positive
Accumulated current filter cap plus terminal
K8
M9
CFM
4.8
Passive
Current Filter Negative Accumulated current filter cap minus
terminal
K9
N12
ADIN5
4.8
Input
ADC Channel 5 Input
ADC generic input channel 5
K10
P13
ADIN6
4.8
Input
ADC Channel 6 Input
ADC generic input channel 6
K12
K12
VVIDEODRV
5.5
Output
VVIDEO Driver
Drive output regulator VVIDEO
K13
K13, K14
GNDSW2
-
Ground
Switcher 2 Ground
Ground for switcher 2
L1
K1, K2
GNDSW4
-
Ground
Switcher 4 Ground
Ground for switcher 4
L2
L2
CS
3.6
Input
Chip Select
Primary SPI select input
L12
L11
TSY2
3.6
Input
Touch Screen
Interface Y2
Touch screen interface Y2
L13
L13
VVIDEO
3.6
Output
Video Supply
Output regulator TV DAC
M1, N1, N2
N1
VGEN3
3.6
Output
General Purpose
Regulator 3
Output GEN3 regulator
M2
M1
CLK
3.6
Input
Clock
Primary SPI clock input
Table 2. 13892 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 32.
Pin Number
on the
13982VK
7x7 mm
Pin Number on
the 13982VL
12x12 mm
Pin Name
Rating
(V)
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com