Electronic Components Datasheet Search
  English  ▼

X  

TLE4274 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4274
Description  Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4274 Datasheet HTML 5Page - Infineon Technologies AG TLE4274 Datasheet HTML 6Page - Infineon Technologies AG TLE4274 Datasheet HTML 7Page - Infineon Technologies AG TLE4274 Datasheet HTML 8Page - Infineon Technologies AG TLE4274 Datasheet HTML 9Page - Infineon Technologies AG TLE4274 Datasheet HTML 10Page - Infineon Technologies AG TLE4274 Datasheet HTML 11Page - Infineon Technologies AG TLE4274 Datasheet HTML 12Page - Infineon Technologies AG TLE4274 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet
10
Rev. 2.3, 2008-03-10
TLE 4274 / 3.3V;2.5V
Package Outlines
Figure 6
PG-SOT223-4 (Plastic Small Outline Transistor)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable
for Pb-free soldering according to IPC/JEDEC J-STD-020).
0.25
±0.1
0.7
4.6
M
A
1
2
2.3
3
A
3
4
±0.1
6.5 ±0.2
DIN 6784
+0.2
acc. to
±0.04
0.25 M B
0.28
0.1 MAX.
1.6 ±0.1
B
GPS05560
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com