Electronic Components Datasheet Search
  English  ▼

X  

TLE4266 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4266
Description  5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4266 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4266_08 Datasheet HTML 5Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 6Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 7Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 8Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 9Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 10Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 11Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 12Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
9
Rev. 2.5, 2008-03-10
TLE 4266
Current Consumption
I
q versus
Input Voltage
V
I (5 V version)
Output Voltage
V
Q versus
Temperature
T
j (5 V version)
Current Consumption
I
q versus
Input Voltage
V
I (10 V version)
Output Voltage
V
Q versus
Temperature
T
j (10 V version)
0
0
AED03013
R =
Ι
q
V
L
50
Ω
10
20
30
V 50
5
10
mA
15
Ω
100
L =
R
Ι
40
4.60
-40
AED03014
VQ
040
80
160
4.80
5.00
V
5.20
120 C
4.70
4.90
5.10
i
V = 13.5 V
j
T
0
0
AED02733
R =
Ι
q
V
L
100
Ω
10
20
30
V 50
5
10
mA
15
Ω
200
L =
R
Ι
40
9.20
-40
AED02735
VQ
040
80
160
9.60
10.00
V
10.40
120 C
9.40
9.80
10.20
i
V = 13.5 V
j
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com