Electronic Components Datasheet Search
  English  ▼

X  

TLE4274 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4274
Description  Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4274 Datasheet HTML 6Page - Infineon Technologies AG TLE4274 Datasheet HTML 7Page - Infineon Technologies AG TLE4274 Datasheet HTML 8Page - Infineon Technologies AG TLE4274 Datasheet HTML 9Page - Infineon Technologies AG TLE4274 Datasheet HTML 10Page - Infineon Technologies AG TLE4274 Datasheet HTML 11Page - Infineon Technologies AG TLE4274 Datasheet HTML 12Page - Infineon Technologies AG TLE4274 Datasheet HTML 13Page - Infineon Technologies AG TLE4274 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
10
Rev. 1.6, 2007-01-23
TLE 4274
Typical Performance Characteristics for V85
Output Voltage
V
Q versus
Junction Temperature
T
j
Output Voltage
V
Q versus
Input Voltage
V
I
Current Consumption
I
q versus
Input Voltage
V
I
Input Current
I
I versus
Input Voltage
V
I
AED01970
-40
040
80
120 ˚C 160
j
T
Q
V
8.4
8.6
V
V
I = 13.5 V
8.3
8.2
8.5
8.7
8.8
6
4
08
0
2
4
R
T
Q
V
Q
V
8
Ι = V
V
10
12
V
16
12
20
V Ι
= 25 C
= 34
L
j
Ω
AED01972
Q
V
0
0
20
30
10
mA
50
AED02270
q
Ι
10
20
30
V
RL = 20 Ω
V Ι
T j = 25 C
AED03051
-50
-2
I
V
I
I
T = 25 ˚C
L
R = 12 k
-25
0
25
50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
mA
V
Ω
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com