Electronic Components Datasheet Search
  English  ▼

X  

TLE4295 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4295
Description  Low Drop Voltage Regulator Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4295 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4295 Datasheet HTML 1Page - Infineon Technologies AG TLE4295 Datasheet HTML 2Page - Infineon Technologies AG TLE4295 Datasheet HTML 3Page - Infineon Technologies AG TLE4295 Datasheet HTML 4Page - Infineon Technologies AG TLE4295 Datasheet HTML 5Page - Infineon Technologies AG TLE4295 Datasheet HTML 6Page - Infineon Technologies AG TLE4295 Datasheet HTML 7Page - Infineon Technologies AG TLE4295 Datasheet HTML 8Page - Infineon Technologies AG TLE4295 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet
4
Rev. 1.4, 2008-04-21
TLE 4295
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Table 2
Absolute Maximum Ratings
-40
°C < T
j < 150 °C
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input
Voltage
V
I
-42
45
V
–
Current
I
I
–
–
mA
internally limited
Output
Voltage
V
Q
-6
30
V
–
Current
I
Q
–
–
mA
internally limited
Power Fail
Voltage
V
PF
-0.3
45
V
–
Current
I
PF
-500
*
µA
* internally limited
Temperatures
Junction temperature
T
j
-40
150
°C–
Storage temperature
T
stg
-50
150
°C–
Thermal Resistances
Junction pin
R
thj-pin
–
30
K/W
measured to pin 5
Junction ambient
1)
R
thja
–
179
K/W
zero airflow
zero heat sink
area
1) Worst case regarding peak temperature.
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input voltage
V
I
V
Q,nom +
0.5 V
45
V
–
Input voltage
V
I
3.5 V
45
V
2.6 V version
Output current
I
Q
–
–
mA
internally limited
Junction temperature
T
j
-40
150
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com