Electronic Components Datasheet Search
  English  ▼

X  

824014 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 824014
Description  TVS Diode Array WE-TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

824014 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  824014 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 824014 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 824014 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 824014 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 824014 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Customer :
Ordercode:
Description :
Temp
Ipp
Current
Voltage
0
100
1
7
25
100
4
8,2
85
20
85
0
U
C
C
U
C
C
0
0,55
0,8
0
0,06
0,09
0,1
0,53
0,77
0,1
0,056
0,086
0,2
0,525
0,76
0,2
0,053
0,083
0,5
0,52
0,75
0,5
0,052
0,082
1
0,525
0,74
1
0,051
0,081
2
0,54
0,73
2
0,05
0,0805
4
0,58
0,75
2,5
0,05
0,081
4
0,052
0,0815
E Typical Characteristics:
Specification for release
Variation of CX vs. VIO
DATUM / DATE : 2010-01-27
Variation of CIO vs. VIO
Power Derating Curve
http://www.we-online.com
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Clamping Voltage vs. Peak Pulse Current
824014
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Phone (+49) (0) 7942 - 945 - 0 · Fax (+49) (0) 7942 - 945 - 400
TVS Diode Array WE-TVS
0
20
40
60
80
100
120
0
25
50
75
100
Ambient Temperature ,TA (℃)
0
2
4
6
8
10
12
0
1
2
3
4
5
Peak Pulse Current [A]
W aveform Parameters:
tr= 8 µs
td = 20µs
0,0
0,2
0,4
0,6
0,8
1,0
0
1
2
3
4
Voltage [V]
VDD = 5V
GND = 0V
f = 1MHz
VDD = floated
GND = 0V
f = 1MHz
0,00
0,02
0,04
0,06
0,08
0,10
0,12
0
1
2
3
4
Voltage [V]
VDD = 5V
GND = 0V
f = 1MHz
VDD = floated
GND = 0V
f = 1MHz
PAGE 2 OF 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com