Electronic Components Datasheet Search
  English  ▼

X  

P89LPC9201FDH Datasheet(PDF) 63 Page - NXP Semiconductors

Part # P89LPC9201FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9201FDH Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button P89LPC9201FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 62Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 63Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 64Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 65Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 66Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
63 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Parts are tested to 2 MHz, but are guaranteed to operate down to 0 Hz.
Table 15.
Dynamic characteristics (18 MHz)
VDD = 3.0 V to 3.6 V unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial applications, unless otherwise specified.[1][2]
Symbol
Parameter
Conditions
Variable clock
fosc =18MHz
Unit
Min
Max
Min
Max
fosc(RC)
internal RC oscillator
frequency
nominal f = 7.3728 MHz
trimmed to
± 1% at
Tamb =25 °C; clock
doubler option = OFF
(default)
7.189
7.557
7.189
7.557
MHz
nominal f = 14.7456 MHz;
clock doubler option = ON
14.378
15.114
14.378 15.114 MHz
fosc(WD)
internal watchdog
oscillator frequency
Tamb =25 °C
380
420
380
420
kHz
fosc
oscillator frequency
0
18
-
-
MHz
Tcy(clk)
clock cycle time
see Figure 33
55
-
-
-
ns
fCLKLP
low-power select clock
frequency
08
-
-
MHz
Glitch filter
tgr
glitch rejection time
P1.5/RST pin
-
50
-
50
ns
any pin except P1.5/RST
-
15
-
15
ns
tsa
signal acceptance time
P1.5/RST pin
125
-
125
-
ns
any pin except P1.5/RST
50
-
50
-
ns
External clock
tCHCX
clock HIGH time
see Figure 33
22
Tcy(clk) − tCLCX
22
-
ns
tCLCX
clock LOW time
see Figure 33
22
Tcy(clk) − tCHCX
22
-
ns
tCLCH
clock rise time
see Figure 33
-5
-
5
ns
tCHCL
clock fall time
see Figure 33
-5
-
5
ns
Shift register (UART mode 0)
TXLXL
serial port clock cycle
time
see Figure 32
16Tcy(clk)
-
888
-
ns
tQVXH
output data set-up to
clock rising edge time
see Figure 32
13Tcy(clk)
-
722
-
ns
tXHQX
output data hold after
clock rising edge time
see Figure 32
-Tcy(clk) + 20
-
75
ns
tXHDX
input data hold after
clock rising edge time
see Figure 32
-0
-
0
ns
tXHDV
input data valid to clock
rising edge time
see Figure 32
150
-
150
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com