Electronic Components Datasheet Search
  English  ▼

X  

PCA85232DA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA85232DA
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA85232DA Datasheet HTML 6Page - NXP Semiconductors PCA85232DA Datasheet HTML 7Page - NXP Semiconductors PCA85232DA Datasheet HTML 8Page - NXP Semiconductors PCA85232DA Datasheet HTML 9Page - NXP Semiconductors PCA85232DA Datasheet HTML 10Page - NXP Semiconductors PCA85232DA Datasheet HTML 11Page - NXP Semiconductors PCA85232DA Datasheet HTML 12Page - NXP Semiconductors PCA85232DA Datasheet HTML 13Page - NXP Semiconductors PCA85232DA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
10 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
Fig 5.
Electro-optical characteristic: relative transmission curve of the liquid
VRMS [V]
100 %
90 %
10 %
OFF
SEGMENT
GREY
SEGMENT
ON
SEGMENT
Vlow
Vhigh
001aam358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com