Electronic Components Datasheet Search
  English  ▼

X  

UBA3070 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UBA3070
Description  LED backlight driver IC No binning on LED forward voltage required
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA3070 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UBA3070 Datasheet HTML 4Page - NXP Semiconductors UBA3070 Datasheet HTML 5Page - NXP Semiconductors UBA3070 Datasheet HTML 6Page - NXP Semiconductors UBA3070 Datasheet HTML 7Page - NXP Semiconductors UBA3070 Datasheet HTML 8Page - NXP Semiconductors UBA3070 Datasheet HTML 9Page - NXP Semiconductors UBA3070 Datasheet HTML 10Page - NXP Semiconductors UBA3070 Datasheet HTML 11Page - NXP Semiconductors UBA3070 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
UBA3070
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2010
8 of 16
NXP Semiconductors
UBA3070
LED backlight driver IC
[1]
Guaranteed by design.
[2]
When the voltage at the PWM pin is between 0.5 V to 2.0 V the peak current and the frequency is reduced.
Driver (GATE pin)
Isource
source current
VCC = 9.5 V;
VGATE = 2 V
-
−135
-
mA
Isink
sink current
VCC = 9.5 V;
VGATE = 2 V
-
240
-
mA
VCC = 9.5 V;
VGATE = 9.5 V
-
560
-
mA
Vo(max)
maximum output voltage
VCC > 12 V
-
11.5
12
V
OTP
Tpl(max)
maximum protection level
temperature
130
140
150
°C
Tpl(hys)
protection level hysteresis
temperature
-
8
-
°C
Table 5.
Characteristics …continued
Tamb = 25 ° C; VCC = 15 V; all voltages are measured with respect to ground; currents are positive when flowing into the
UBA3070 IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com