Electronic Components Datasheet Search
  English  ▼

X  

BB199 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB199
Description  Variable capacitance diode for VCO and VCXO Small plastic SMD package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB199 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB199 Datasheet HTML 1Page - NXP Semiconductors BB199 Datasheet HTML 2Page - NXP Semiconductors BB199 Datasheet HTML 3Page - NXP Semiconductors BB199 Datasheet HTML 4Page - NXP Semiconductors BB199 Datasheet HTML 5Page - NXP Semiconductors BB199 Datasheet HTML 6Page - NXP Semiconductors BB199 Datasheet HTML 7Page - NXP Semiconductors BB199 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BB199
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 1 December 2010
2 of 8
NXP Semiconductors
BB199
Variable capacitance diode for VCO and VCXO
3.
Ordering information
4.
Marking
5.
Limiting values
6.
Thermal characteristics
7.
Characteristics
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BB199
SC-79
plastic surface-mounted package; 2 leads
SOD523
Table 3.
Marking codes
Type number
Marking code
BB199
K9
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
20
V
IF
forward current
-
100
mA
Ptot
total power dissipation
Tsp = 90 °C-
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction to solder point
200
K/W
Table 6.
Characteristics
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IR
reverse current
VR = 20 V
-
-
1000
nA
VR =16V
-
-
5
nA
Cd
diode capacitance
f = 1 MHz
VR = 0.5 V
36.5
-
42.5
pF
VR = 2 V
11.8
-
13.8
pF
rs
diode series resistance
VR = 1.5 V; f = 100 MHz
-
0.25
0.5
Ω
Cd(0V5)/Cd(2V)
diode capacitance ratio (0.5 V to 2 V)
f = 1 MHz
2.8
-
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com