Electronic Components Datasheet Search
  English  ▼

X  

PCK942C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK942C
Description  Low voltage 1 : 18 clock distribution chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK942C Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK942C Datasheet HTML 1Page - NXP Semiconductors PCK942C Datasheet HTML 2Page - NXP Semiconductors PCK942C Datasheet HTML 3Page - NXP Semiconductors PCK942C Datasheet HTML 4Page - NXP Semiconductors PCK942C Datasheet HTML 5Page - NXP Semiconductors PCK942C Datasheet HTML 6Page - NXP Semiconductors PCK942C Datasheet HTML 7Page - NXP Semiconductors PCK942C Datasheet HTML 8Page - NXP Semiconductors PCK942C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PCK942C_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 15 February 2006
3 of 11
Philips Semiconductors
PCK942C
Low voltage 1 : 18 clock distribution chip
5.2 Pin description
6.
Functional description
Refer to Figure 1 “Functional diagram of PCK942C”.
6.1 Function table
7.
Limiting values
Table 2:
Pin description
Symbol
Pin
Description
LVCMOS_CLK
3
LVCMOS input clock
OE
5
output enable
Q0 to Q17
32, 31, 30, 28, 27,
26, 24, 23, 22, 20,
19, 18, 15, 14, 13,
11, 10, 9
outputs
n.c.
4, 6
not connected
GND
1, 2, 12, 17, 25
ground
VCC
7, 8, 16, 21, 29
supply voltage
Table 3:
Function table
OE
Output
0
high-impedance
1
outputs enabled
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+3.6
V
VI
input voltage
−0.3
VDD + 0.3
V
II
input current
-
±20
mA
Tstg
storage temperature
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com