Electronic Components Datasheet Search
  English  ▼

X  

EC3H02C Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # EC3H02C
Description  VHF to UHF Wide-Band Low-Noise Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H02C Datasheet(HTML) 4 Page - Sanyo Semicon Device

  EC3H02C Datasheet HTML 1Page - Sanyo Semicon Device EC3H02C Datasheet HTML 2Page - Sanyo Semicon Device EC3H02C Datasheet HTML 3Page - Sanyo Semicon Device EC3H02C Datasheet HTML 4Page - Sanyo Semicon Device EC3H02C Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EC3H02C
No.6579-4/5
VCE=2V, IC=10mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.715
--60.8
21.486
143.7
0.035
62.1
0.806
--36.1
200
0.643
--98.6
15.499
122.8
0.051
49.2
0.580
--56.8
400
0.589
--135.1
9.112
103.3
0.065
44.8
0.355
--75.8
600
0.570
--151.5
6.296
93.9
0.075
47.3
0.261
--84.5
800
0.564
--161.1
4.816
86.9
0.087
50.9
0.215
--90.9
1000
0.563
--167.7
3.921
81.1
0.098
53.6
0.192
--95.4
1200
0.560
--172.3
3.308
76.3
0.112
56.0
0.181
--99.0
1400
0.558
--176.2
2.867
72.1
0.125
57.7
0.172
--102.6
1600
0.558
180.0
2.550
68.1
0.139
58.8
0.169
--105.3
1800
0.562
176.8
2.293
64.2
0.155
59.5
0.170
--107.8
2000
0.561
174.4
2.092
60.5
0.169
59.8
0.176
--109.2
VCE=5V, IC=7mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.797
--42.9
17.630
152.0
0.030
68.4
0.892
--22.3
200
0.708
--76.1
14.170
132.4
0.048
55.1
0.723
--36.7
400
0.608
--116.0
9.186
110.4
0.064
45.4
0.494
--48.9
600
0.565
--136.4
6.534
98.9
0.073
44.6
0.385
--52.5
800
0.550
--148.8
5.055
90.8
0.081
46.8
0.329
--54.0
1000
0.547
--157.0
4.134
84.3
0.089
49.9
0.299
--55.4
1200
0.541
--163.2
3.497
79.0
0.098
52.4
0.285
--56.7
1400
0.537
--168.1
3.025
74.4
0.109
55.0
0.277
--57.9
1600
0.539
--172.5
2.687
70.0
0.119
57.0
0.270
--60.1
1800
0.540
--176.5
2.425
65.8
0.130
58.6
0.271
--63.0
2000
0.540
--179.4
2.212
61.9
0.142
59.9
0.277
--65.8
VCE=5V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
100
0.618
--71.5
30.252
138.1
0.023
60.6
0.748
--37.0
200
0.554
--110.5
20.311
117.7
0.034
52.7
0.511
--52.9
400
0.519
--143.1
11.419
100.5
0.046
54.5
0.306
--62.6
600
0.507
--156.8
7.810
92.4
0.058
58.7
0.230
--64.0
800
0.504
--165.0
5.941
86.2
0.071
62.2
0.193
--64.9
1000
0.505
--170.5
4.816
81.1
0.084
64.7
0.175
--66.0
1200
0.504
--174.3
4.051
76.8
0.098
66.2
0.167
--67.0
1400
0.502
--177.8
3.502
73.0
0.112
67.2
0.162
--68.2
1600
0.504
178.9
3.107
69.3
0.127
67.4
0.159
--70.1
1800
0.508
176.0
2.788
65.7
0.142
67.4
0.161
--72.4
2000
0.507
173.9
2.539
62.3
0.155
67.1
0.169
--74.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com