Electronic Components Datasheet Search
  English  ▼

X  

MMA6700EG Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA6700EG
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6700EG Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA6700EG Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6700EG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6700EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6700EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6700EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6700EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6700EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6700EG Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MMA6700EG
Rev 0, 09/2008
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2008. All rights reserved.
This document contains a product under development. Freescale Semiconductor reserves the right to change or discon-
tinue this product without notice.
High Accuracy Low g Inertial Sensor
MEMS Sensing, State Machine ASIC
The MMA6700EG series is a dual axis, Low g, XY-axis sensor based on
Freescale’s HARMEMS technology with an embedded DSP ASIC allowing for
additional processing of the digital or analog signals.
Features
•
XY-axis of sensitivity in one device
•
10- or 11-bit digital data output
•
±3.5 g or ±5 g full-scale range per axis
- MMA6700EG: ±3.5 g (11-bit data sensitivity = 3.43 mg/digit typical at 25º C)
- MMA6701EG: ±5 g (11-bit data sensitivity = 4.91 mg/digit typical at 25ºC)
•
SPI-compatible serial interface
•
Bidirectional internal self-test
•
On-chip temperature sensor and voltage regulator
•
Support for signed or unsigned output data
•
Selection of integrated signal conditioning low-pass filters
•
Capture/hold input for system-wide synchronization support
•
3.3 V or 5 V single supply operation
•
Ratiometric analog voltage output
•
Traceability through programmable registers, 3 8-bit.
•
Customer-assigned one-time-programmable Registers (2 8-bit Registration)
•
Minimal external component requirements
•
Wide operating temperature range from -40ºC to +125ºC
•
20-pin SOIC wide-body RoHS-compliant package
•
Minimum external components, 4 capacitors
Typical Applications
•
With a +3.5 g or +5 g full scale range, the newly designed, high accuracy
sensor enables electronic stability control (ESC) designers to accommodate
higher original signal noise level without sacrificing resolution.
•
Tilt Measurement
ORDERING INFORMATION
Device
Temp. Range
Case No.
Package
MMA6700EGR2
– 40 to +125°C
475A-02
SOIC-20, Tape and Reel
MMA6700AEGR2
– 40 to +125°C
475A-02
SOIC-20, Tape and Reel
MMA6701EGR2
– 40 to +125°C
475A-02
SOIC-20, Tape and Reel
MMA6701AEGR2
– 40 to +125°C
475A-02
SOIC-20, Tape and Reel
MMA6700EG
MMA6701EG
DUAL AXIS
LOW g INERTIAL SENSOR
EG SUFFIX (Pb-free)
20-LEAD SOIC
CASE 475A-02
PIN CONNECTIONS
1
16
2
15
3
14
4
13
5
12
6
11
7
20
8
19
N/C
VSS
N/C
VCC
XOUT
N/C
VPP/TEST
VSSA
CAP/HOLD
SCLK
CREGA
20-PIN SOIC PACKAGE
9
10
18
17
YOUT
DIN
CREG
CS/RESET
DOUT
CREF
CREF
CREGA
N/C
N/C: NO INTERNAL CONNECTION
X = 0g
Y = 1g
X = 0g
Y = -1g
X = 1g
Y = 0g
X = -1g
Y = 0g


Similar Part No. - MMA6700EG

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
MMA6 CARLOGAVAZZI-MMA6 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
logo
Freescale Semiconductor...
MMA621010AEG FREESCALE-MMA621010AEG Datasheet
203Kb / 16P
Analog Dual Axis Micromachined Accelerometer
MMA621010AEG FREESCALE-MMA621010AEG Datasheet
209Kb / 16P
Analog Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA621010AEG NXP-MMA621010AEG Datasheet
268Kb / 16P
Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
logo
Freescale Semiconductor...
MMA621010AEGR2 FREESCALE-MMA621010AEGR2 Datasheet
203Kb / 16P
Analog Dual Axis Micromachined Accelerometer
More results

Similar Description - MMA6700EG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AQ3 STMICROELECTRONICS-LIS3L02AQ3 Datasheet
258Kb / 13P
MEMS INERTIAL SENSOR: 3-Axis - ®g/®g LINEAR ACCELEROMETER
May-2005
LIS2L02AS4 STMICROELECTRONICS-LIS2L02AS4 Datasheet
231Kb / 14P
MEMS INERTIAL SENSOR: 2-Axis - ±2g/±6g LINEAR ACCELEROMETER
01-Dec-2005
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
MEMS inertial sensor 3-axis, low g accelerometer with digital output
20-Aug-2008
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
logo
Freescale Semiconductor...
MMA690XQ FREESCALE-MMA690XQ Datasheet
711Kb / 36P
High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
logo
STMicroelectronics
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
02-Feb-2010
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
logo
Freescale Semiconductor...
MMA690XKQ FREESCALE-MMA690XKQ Datasheet
357Kb / 37P
High Accuracy Low g Inertial Sensor
logo
NXP Semiconductors
MMA690XKQ NXP-MMA690XKQ Datasheet
844Kb / 37P
High Accuracy Low g Inertial Sensor
Rev. 5, 08/2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com