Electronic Components Datasheet Search
  English  ▼

X  

FC11 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC11
Description  Low-Frequency General-Purpose Amp, Differential Amp Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC11 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC11 Datasheet HTML 1Page - Sanyo Semicon Device FC11 Datasheet HTML 2Page - Sanyo Semicon Device FC11 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52098HA (KT)/7259TA, TS No.3154-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N-Channel Junction Silicon FET
Low-Frequency General-Purpose Amp,
Differential Amp Applications
Ordering number:EN3154
FC11
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
X
S
D
0
4V
e
g
a
t
l
o
V
n
i
a
r
D
-
o
t
-
e
t
a
GV
S
D
G
0
4
–V
t
n
e
r
r
u
C
e
t
a
GIG
0
1A
m
t
n
e
r
r
u
C
n
i
a
r
DID
0
1A
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
A
PD
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Package Dimensions
unit:mm
2070
[FC11]
G1:Gate1
G2:Gate2
D2:Drain2
SC:Source Common
D1:Drain1
SANYO:CP5
Features
· Adoption of FBET process.
· Composite type with 2 transistors contained in the
CP package currently in use, improving the mount-
ing efficiency greatly.
· The FC11 is formed with two chips, being equivalent
to the 2SK771, placed in one package.
· Excellent in the thermal equilibrium and pair capa-
bility and suitable for use in differential amp.
· Common source.
Electrical Connection
Specifications
Absolute Maximum Ratings at Ta = 25˚C
˚C
˚C
Electrical Characteristics at Ta = 25˚C
Note*:The FC11 is classified by IDSS as follows (unit:mA)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
n
i
a
r
D
-
o
t
-
e
t
a
GV
S
D
G
)
R
B
(
IG
V
,
A
µ
0
1
=
S
D
0
=0
4
–V
t
n
e
r
r
u
C
f
f
o
t
u
C
e
t
a
GI
S
S
G
V S
G
V
,
V
0
2
–
=
S
D
V
0
=0
.
1
–A
n
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
=
D
A
µ
1
=3
.
0
–9
.
0
–8
.
1
–V
p
o
r
D
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
G
∆V S
G
V
|
S
G
V
–
e
g
r
a
l
S
G
V
,
|
ll
a
m
s
S
D
I
,
V
0
1
=
D
A
m
1
=0
3V
m
t
n
e
r
r
u
C
n
i
a
r
DI
S
S
D
V S
D
V
,
V
0
1
=
S
G
V
0
=*
2
.
1*
0
.
6A
m
o
i
t
a
R
t
n
e
r
r
u
C
n
i
a
r
DV S
D
I
,
V
0
1
=
S
S
D
I
/
ll
a
m
s
S
S
D
e
g
r
a
l9
.
0
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
FY
|
s
f |V S
D
V
,
V
0
1
=
S
G
z
H
k
1
=
f
,
V
0
=5
.
40
.
9S
m
o
i
t
a
R
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
FV S
D
Y
|
,
V
0
1
=
s
f
Y
|
/
ll
a
m
s
|
s
f
e
g
r
a
l|9
.
0
e
c
n
c
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
V
,
V
0
1
=
S
G
z
H
M
1
=
f
,
V
0
=0
.
9F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
V
,
V
0
1
=
S
G
z
H
M
1
=
f
,
V
0
=1
.
2F
p
e
r
u
g
i
F
e
s
i
o
NF
NV S
D
R
,
V
0
1
=
g
k
1
=
Ω I
, D
z
H
k
1
=
f
,
A
m
1
=5
.
1B
d
0
.
3
D
2
.
10
.
6
E
5
.
2
Marking:11
IDSS rank:D,E
The Specifications shown above are for each individual
transistor.


Similar Part No. - FC11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC110 SANYO-FC110 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
logo
Beckhoff Automation Gmb...
FC1100 BECKHOFF-FC1100 Datasheet
115Kb / 2P
Infrastructure, 1-channel fieldbus card, EtherCAT, slave, PCI, RJ45
logo
Sanyo Semicon Device
FC111 SANYO-FC111 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications
FC112 SANYO-FC112 Datasheet
53Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
logo
Beckhoff Automation Gmb...
FC1121 BECKHOFF-FC1121 Datasheet
147Kb / 2P
Infrastructure, 1-channel fieldbus card, EtherCAT, slave, PCI express, NOVRAM, RJ45
More results

Similar Description - FC11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1687 SANYO-2SA1687 Datasheet
118Kb / 4P
Low-Frequency General-Purpose Amp Applications???
2SA1701 SANYO-2SA1701 Datasheet
119Kb / 4P
Low-Frequency General-Purpose Amp Applications????
2SA1745 SANYO-2SA1745 Datasheet
106Kb / 4P
Low-Frequency General-Purpose Amp Applications
2SA1881 SANYO-2SA1881 Datasheet
123Kb / 4P
Low-Frequency General-Purpose Amp Applications?
2SA1882 SANYO-2SA1882 Datasheet
124Kb / 4P
Low-Frequency General-Purpose Amp Applications?
2SB1295 SANYO-2SB1295 Datasheet
114Kb / 4P
Low-Frequency General-Purpose Amp Applications???
2SC4413 SANYO-2SC4413 Datasheet
82Kb / 3P
Low-Frequency General-Purpose Amp Applications??????????
FC119 SANYO-FC119 Datasheet
139Kb / 5P
High-Frequency General-Purpose Amp, Differential Amp Applications
FC120 SANYO-FC120 Datasheet
174Kb / 6P
High-Frequency General-Purpose Amp, Differential Amp Applications
FC13 SANYO-FC13 Datasheet
102Kb / 3P
Low-Frequency General-Purpose Amp, Differential Amp, Analog Switch Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com