Electronic Components Datasheet Search
  English  ▼

X  

17-10021 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-10021
Description  Receptacle & Cover Assembly Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-10021 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17-10021 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Recommended Panel Cutout
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2007
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
b
origin
Jan/28/08 Vincent Ke
Date
Oct. 25
Oct. 25
J. Chaudry
Vincent Ke
Name
1.2:1
mm
See Notes
Receptacle & Cover Assembly Kit
Industrial Ethernet Connector (IP67)
with Cat. 5e RJ45 IDC Jack
39K1A334
SEE P/N ABOVE
Tolerance
Unless otherwise specified
0 PLC
`0.50
1 PLC
`0.38
2 PLC
`0.25
3 PLC
`0.10
ANGLES
`3~
Part Number
17-10021
17-10022
Description
Plastic Version with Shielded RJ45 IDC Jack with Cover
Metallized Plastic Version with Shielded RJ45 IDC Jack with Cover
Potted Plastic Version with Shielded RJ45 IDC Jack with Cover
Potted Metallized Plastic Version with Shielded RJ45 IDC Jack with Cover
17-10037
17-10038
Directive 2002/95/EC
"RoHS"
Compliant
Notes:
1. Electrical Specifications:
- Meets EIA/TIA-568-B.2 Cat.5e Specification
- Contact Resistance: 20mOhm max.
- Insulation Resistance: 500MOhm min. @ 100 VDC
- Current Rating: 1.2A max. at 25
~C
- Working Voltage: 100 VDC
- DWV: 1000 VDC/60s Contact to Contact, 1500 VDC/60s Contact to Metal Shell
- Operating Temperature: -40
~C to +85~C
2. Material and Finish:
- Receptacle Housing: Polyester (Black) or Metallized ABS (Nickel Plated); UL94 V-0
- Cover Coupling Ring: Polyester (Black) or Metallized ABS (Nickel Plated); UL94 V-0
- Panel Nut: Brass, Finish: Nickel Plated
- Panel Gasket: Silicone, Color: White
- Cover Gasket: Silicone, Color: Red
- Tether: Polycarbonate, Color: Black
- RJ45 IDC Jack Metal Shell: Copper Alloy, Nickel Plated
- RJ45 IDC Jack Plastic Housing: Glass filled PBT UL94 V-0, Color: Black
- RJ45 IDC Jack Contacts: Phosphor Bronze, Finish: 50u" Gold min. over Nickel
3. Connector can be front or rear mounted to a maximum panel thickness of 3.2mm.
4. RoHS compliant
28.10
n
`0.05
Key Protrusion x 3
n30.00
21.00
27.50`0.60
n31.50
0.50
Cover Gasket
Shielded Cat. 5e
RJ45 IDC Jack
Panel Flange
Receptacle Housing
(Plastic or Metallized)
Panel Gasket
Panel Nut
3.50
19.40
n34.00
36.18
Bayonet Channel x 3
Cover Coupling Ring
(Platic or Metallized)
Tether
Sealed with epoxy, provides
IP67 even when uncovered
(For potted version only)
2.00
29.70


Similar Part No. - 17-10021

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-10021 CONEC-17-10021 Datasheet
931Kb / 1P
Receptacle & Cover Assembly Kit Colored Plastic Receptacle Housing with Shielded Cat. 5e RJ45 IDC Jack
Jan. 28. 2011
More results

Similar Description - 17-10021

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-10000 CONEC-17-10000 Datasheet
486Kb / 1P
Receptacle & Cover Assembly Kit
17-10009 CONEC-17-10009 Datasheet
369Kb / 1P
Receptacle Assembly Kit
17-10015 CONEC-17-10015 Datasheet
443Kb / 1P
Receptacle Assembly Kit
17-10023 CONEC-17-10023 Datasheet
544Kb / 1P
Receptacle & Cover Assembly Kit
17-101710 CONEC-17-101710 Datasheet
344Kb / 1P
Protective Cover Assembly Kit
17-101800 CONEC-17-101800 Datasheet
530Kb / 1P
Protective Cover Assembly Kit
17-200611 CONEC-17-200611 Datasheet
599Kb / 1P
IP67 USB Receptacle & Cover Kit
17-100950 CONEC-17-100950 Datasheet
627Kb / 1P
Protective Cover Assembly Kit
17-10002 CONEC-17-10002 Datasheet
458Kb / 1P
Protective Cover Assembly Kit
17K1A302 CONEC-17K1A302 Datasheet
598Kb / 1P
IP67 Industrial Duplex LC Receptacle Cover Assembly Kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com