Electronic Components Datasheet Search
  English  ▼

X  

MIC2619 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2619
Description  1.2MHz PWM Boost Converter with OVP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2619 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2619 Datasheet HTML 1Page - Micrel Semiconductor MIC2619 Datasheet HTML 2Page - Micrel Semiconductor MIC2619 Datasheet HTML 3Page - Micrel Semiconductor MIC2619 Datasheet HTML 4Page - Micrel Semiconductor MIC2619 Datasheet HTML 5Page - Micrel Semiconductor MIC2619 Datasheet HTML 6Page - Micrel Semiconductor MIC2619 Datasheet HTML 7Page - Micrel Semiconductor MIC2619 Datasheet HTML 8Page - Micrel Semiconductor MIC2619 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
MIC2619
March 2010
3
M9999-030410-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).........................................................7V
Switch Voltage (VSW)....................................... –0.3V to 40V
Enable Pin Voltage (VEN)..................................... –0.3 to VIN
Feedback Voltage (VFB), (VOVP)........................................6V
Ambient Storage Temperature (TS)...........–65°C to +150°C
ESD Rating
(3) ................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)......................................... 2.8V to 6.5V
Output Voltage (VOUT) .......................................... VIN to 35V
Junction Temperature Range (TJ).............–40°C to +125°C
Package Thermal Impedance
Thin SOT-23-6 (
θJA).........................................177°C/W
Electrical Characteristics
(4)
TA = 25°C, VIN = VEN = 3.6V, VOUT = 10V, IOUT = 10mA, unless otherwise noted. Bold values indicate –40°C ≤ TJ ≤125°C.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.8
6.5
V
Under Voltage Lockout
1.8
2.1
2.4
V
Quiescent Current
VFB > 1.265V, (not switching)
2.1
5
mA
Shutdown Current
VEN = 0V
0.04
1
µA
Feedback Voltage
1.227
1.265
1.303
V
Feedback Input Current
VFB = 1.265V
-450
nA
Line Regulation
2.8V ≤ VIN ≤ 6.5V
0.2
1
%
Load Regulation
5mA ≤ IOUT ≤ 20mA
0.3
%
Maximum Duty Cycle
85
90
%
Switch Current Limit
VIN = 3.6V
(5)
350
mA
Switch Saturation Voltage
VIN = 3.6V, ISW = 300mA
400
mV
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
1
µA
TURN ON
1.5
Enable Threshold
TURN OFF
0.4
V
Enable Pin Current
VEN = 6.5V
14
40
µA
Oscillator Frequency
1.2
MHz
Overvoltage Protection
1.202
1.265
1.328
V
OVP Input Current
VOVP = 1.265V
–200
nA
150
°C
Overtemperature Threshold
Shutdown
Hysteresis
10
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max),
the junction-to-ambient thermal resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive
die temperature, and the regulator will go into thermal shutdown.
2. This device is not guaranteed to operate beyond its specified operating ratings.
3. Devices are inherently ESD sensitive. Handling precautions required. Human body model: 1.5kΩ in series with 100pF.
4. Specification for packaged product only.
5. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com