Electronic Components Datasheet Search
  English  ▼

X  

MIC4782 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4782
Description  1.8 MHz Dual 2A Integrated Switch Buck Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4782 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4782 Datasheet HTML 1Page - Micrel Semiconductor MIC4782 Datasheet HTML 2Page - Micrel Semiconductor MIC4782 Datasheet HTML 3Page - Micrel Semiconductor MIC4782 Datasheet HTML 4Page - Micrel Semiconductor MIC4782 Datasheet HTML 5Page - Micrel Semiconductor MIC4782 Datasheet HTML 6Page - Micrel Semiconductor MIC4782 Datasheet HTML 7Page - Micrel Semiconductor MIC4782 Datasheet HTML 8Page - Micrel Semiconductor MIC4782 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MIC4782
1.8 MHz Dual 2A Integrated Switch
Buck Regulator
General Description
The Micrel MIC4782 is a high efficiency dual PWM buck
(step-down) regulator that provides dual 2A output current.
The MIC4782 operates at 1.8MHz. A proprietary internal
compensation technique allows a closed loop bandwidth of
over 200kHz.
The low on-resistance internal P-Channel MOSFET of the
MIC4782 allows efficiencies over 92%, reduces external
components count and eliminates the need for an
expensive current sense resistor.
The MIC4782 operates from 3.0V to 6.0V input and the
output can be adjusted down to 0.6V. The device can
operate with a maximum duty cycle of 100% for use in low-
dropout conditions.
The MIC4782 is available in the exposed pad 16-pin
3mm x 3mm MLF
® with a junction operating range from
–20°C to +125°C.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
•
3.0 to 6.0V supply voltage
•
1.8MHz PWM mode
•
2A dual output
•
Greater than 92% efficiency
•
100% maximum duty cycle
•
Adjustable output voltage option down to 0.6V
•
Ultra-fast transient response
•
Ultra-small external components
•
Stable with a 1µH inductor and a 4.7µF output
capacitor
•
Fully integrated 2A MOSFET switches
•
Micro-power shutdown
•
Thermal shutdown and current limit protection
•
Available in a 3mm × 3mm 16-pin MLF
®
•
–20
°C to +125°C junction temperature range
Applications
•
Broadband: xDSL modems
•
Automotive satellite radios
•
HD STB, DVD/TV recorder
•
Computer peripherals: printers and graphic cards
•
FPGA/ASIC
•
General point-of-load
Typical Application
5.0VIN, 3.3VOUT Efficiency
80
82
84
86
88
90
92
94
96
98
100
0
0.4
0.8
1.2
1.6
2
OUTPUT CURRENT (A)
2A, 1.8MHz Dual Buck Regulator
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 2009
1
M9999-081709-D


Similar Part No. - MIC4782

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC47050 MICREL-MIC47050 Datasheet
494Kb / 14P
500mA ULDO with Low Input and Low Output Voltage
MIC47050 MICREL-MIC47050 Datasheet
492Kb / 16P
500mA ULDO??with Low Input and Low Output Voltage
MIC47050-1.2YML MICREL-MIC47050-1.2YML Datasheet
494Kb / 14P
500mA ULDO with Low Input and Low Output Voltage
MIC47050-1.2YML MICREL-MIC47050-1.2YML Datasheet
492Kb / 16P
500mA ULDO??with Low Input and Low Output Voltage
MIC47050-1.2YMT MICREL-MIC47050-1.2YMT Datasheet
492Kb / 16P
500mA ULDO??with Low Input and Low Output Voltage
More results

Similar Description - MIC4782

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4720 MICREL-MIC4720 Datasheet
1Mb / 21P
3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
logo
Semtech Corporation
SC2440 SEMTECH-SC2440 Datasheet
664Kb / 26P
2.5 MHz Dual Switching Regulator with Integrated 2A Switches
logo
Micrel Semiconductor
MIC4742 MICREL-MIC4742 Datasheet
596Kb / 23P
2 MHz Dual 2A Integrated Switch Buck Regulator
MIC4744 MICREL-MIC4744 Datasheet
718Kb / 23P
4 MHz Dual 2A Integrated Switch Buck Regulator
logo
International Rectifier
IR3843WMPBF IRF-IR3843WMPBF Datasheet
732Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
logo
Intersil Corporation
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
June 29, 2010
logo
Micrel Semiconductor
MIC22601 MICREL-MIC22601 Datasheet
785Kb / 18P
4 MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
logo
International Rectifier
IR3843WM IRF-IR3843WM_15 Datasheet
750Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com