Electronic Components Datasheet Search
  English  ▼

X  

MIC22950 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC22950
Description  10A Integrated Switch Synchronous Buck Regulator with Frequency Programmable to 2MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22950 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC22950 Datasheet HTML 1Page - Micrel Semiconductor MIC22950 Datasheet HTML 2Page - Micrel Semiconductor MIC22950 Datasheet HTML 3Page - Micrel Semiconductor MIC22950 Datasheet HTML 4Page - Micrel Semiconductor MIC22950 Datasheet HTML 5Page - Micrel Semiconductor MIC22950 Datasheet HTML 6Page - Micrel Semiconductor MIC22950 Datasheet HTML 7Page - Micrel Semiconductor MIC22950 Datasheet HTML 8Page - Micrel Semiconductor MIC22950 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MIC22950
10A Integrated Switch Synchronous
Buck Regulator with Frequency
Programmable to 2MHz
Ramp Control is a trademark of Micrel, Inc
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2010
M9999-021910-B
General Description
The Micrel MIC22950 is a high-efficiency 10A integrated
switch, synchronous buck (step-down) regulator. The
MIC22950 switching frequency is programmable from
400kHz to 2MHz, allowing the customer to optimize
designing either for efficiency or for the smallest footprint.
The MIC22950 achieves over 95% efficiency while still
switching at 2MHz over a broad load range.
The ultra-high-speed control loop keeps the output voltage
within regulation, even under extreme transient load
swings commonly found in FPGAs and low voltage ASICs.
The output voltage can be adjusted down to 0.7V in order
to address all low-voltage power needs.
The MIC22950 features a full range of sequencing and
tracking options. The EN/DLY and the DELAY pins,
combined with the POR/PG pin, allow multiple outputs to
be sequenced in several ways during turn-on and turn-off
by using EN pin. The RC (Ramp Control™) pin allows the
device to be connected to any another device in the
MIC22x00 family of products, to keep the output voltages
within a certain delta V during start-up.
The MIC22950 is available in a 32-pin 5mm x 5mm MLF
®
with a junction operating range from
−40°C to +125°C.
Datasheet and supporting documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 2.6V to 5.5V supply voltage
• Fully-integrated MOSFET switches
• Adjustable output voltage option down to 0.7V
• Output load current up to 10A
• Full sequencing and tracking capability
• Power-On Reset
• Efficiency >95% across a broad load range
• Operating frequency programmable: 400kHz to 2MHz
• Ultra-fast transient response
• 100% maximum duty cycle
• Micropower shutdown
• Thermal-shutdown and current-limit protection
• Available in a 32-pin 5mm x 5mm MLF® package
• −40°C to +125°C junction temperature range
Applications
• High-power density point-of-load conversion
• Base stations, Servers and Routers
• Blu-ray players, DVD Recorders
• Computer Peripherals
• FPGAs, DSP, and low-voltage ASIC power
_________________________________________________________________________________________________________________________
Typical Application
MIC22950 10A Synchronous DC-DC Converter
Efficiency vs. Load Current
60
65
70
75
80
85
90
95
100
02
46
8
10
LOAD CURRENT (A)
VIN = 5V
VOUT = 3.3V
TA = 25°C
Sequencing and Tracking


Similar Part No. - MIC22950

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2295 MICREL-MIC2295 Datasheet
1Mb / 13P
High Power Density 1.2A Boost Regulator
MIC2295A MICREL-MIC2295A Datasheet
1Mb / 9P
High Power Density 1.2A Boost Regulator
MIC2295BD5 MICREL-MIC2295BD5 Datasheet
1Mb / 13P
High Power Density 1.2A Boost Regulator
MIC2295BD5 MICREL-MIC2295BD5 Datasheet
408Kb / 12P
High Power Density 1.2A Boost Regulator
MIC2295BD5 MICREL-MIC2295BD5 Datasheet
1Mb / 9P
High Power Density 1.2A Boost Regulator
More results

Similar Description - MIC22950

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
3A 2MHz Integrated Switch Buck Regulator
MIC4721 MICREL-MIC4721 Datasheet
821Kb / 19P
1.5A 2MHz Integrated Switch Buck Regulator
MIC22400 MICREL-MIC22400 Datasheet
1,018Kb / 19P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC4723 MICREL-MIC4723_08 Datasheet
536Kb / 20P
3A 2MHz Integrated Switch Buck Regulator
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
MIC22200 MICREL-MIC22200 Datasheet
1Mb / 22P
2A Integrated Switch Synchronous Buck Regulator with Frequency Programmable from 800kHz to 4MHz
MIC22400 MICREL-MIC22400_10 Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
logo
Intersil Corporation
ISL95210 INTERSIL-ISL95210 Datasheet
1Mb / 19P
10A Synchronous Buck Regulator with Integrated Power MOSFETs
June 2, 2011
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400_11 Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
logo
ON Semiconductor
FAN2310AMPX ONSEMI-FAN2310AMPX Datasheet
1Mb / 20P
10A Synchronous Buck Regulator
September 2015 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com