Electronic Components Datasheet Search
  English  ▼

X  

FC117 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC117
Description  Low-Frequency General-Purpose Amp Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC117 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC117 Datasheet HTML 1Page - Sanyo Semicon Device FC117 Datasheet HTML 2Page - Sanyo Semicon Device FC117 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52098HA (KT)/5129MO, TS No.3115-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
PNP Epitaxial Planar Silicon Composite Transistor
Low-Frequency
General-Purpose Amp Applications
Ordering number:EN3115
FC117
Package Dimensions
unit:mm
2067
[FC117]
E1:Emitter1
B1:Base1
C2:Collerctor2
E2:Emitter2
B2:Base2
C1:Collector1
SANYO:CP6
Features
· Composite type with 2 transistors contained in the
CP package currently in use, improving the mount-
ing efficiency greatly.
· The FC117 is formed with two chips, being equiva-
lent to the 2SA1753, placed in one package.
· Low collector to emitter saturation voltage.
· Excellent in thermal equilibrium and pair capability.
Electrical Connection
Note: The specifications shown above are for each individual transistor.
Marking:117
Specifications
Absolute Maximum Ratings at Ta = 25˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
2
–V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
5
1
–V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
–V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
5
–A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
1
–A
t
n
e
r
r
u
C
e
s
a
BIB
0
0
1
–A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Electrical Characteristics at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
5
1
–
=
E 0
=1
.
0
–A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
–
=
C 0
=1
.
0
–A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
)
1
(V E
C
I
,
V
2
–
=
C
A
m
0
1
–
=0
6
10
6
5
h E
F
)
2
(V E
C
I
,
V
2
–
=
C
A
m
0
0
4
–
=0
7
o
i
t
a
R
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
/
ll
a
m
s
(
)
e
g
r
a
l
V E
C
I
,
V
2
–
=
C
A
m
0
1
–
=8
.
08
9
.
0
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
2
–
=
C
A
m
0
5
–
=0
0
4z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV E
C
z
H
M
1
=
f
,
V
0
1
–
=5
.
6F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
C
V
)
t
a
s
(
E
C
1IC
I
.
A
m
5
–
=
B
A
m
5
.
0
–
=5
1
–5
3
–V
m
V
)
t
a
s
(
E
C
2IC
I
.
A
m
0
0
2
–
=
B
A
m
0
1
–
=0
0
2
–0
6
3
–V
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
BV
)
t
a
s
(
E
B
IC
I
.
A
m
0
0
2
–
=
B
A
m
0
1
–
=5
9
.
0
–2
.
1
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
–
=
E 0
=0
2
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
–
=
E
B =∞
5
1
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
–
=
C 0
=5
–V
˚C


Similar Part No. - FC117

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC11 SANYO-FC11 Datasheet
92Kb / 3P
Low-Frequency General-Purpose Amp, Differential Amp Applications
FC110 SANYO-FC110 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
logo
Beckhoff Automation Gmb...
FC1100 BECKHOFF-FC1100 Datasheet
115Kb / 2P
Infrastructure, 1-channel fieldbus card, EtherCAT, slave, PCI, RJ45
logo
Sanyo Semicon Device
FC111 SANYO-FC111 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications
FC112 SANYO-FC112 Datasheet
53Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
More results

Similar Description - FC117

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1687 SANYO-2SA1687 Datasheet
118Kb / 4P
Low-Frequency General-Purpose Amp Applications???
2SA1701 SANYO-2SA1701 Datasheet
119Kb / 4P
Low-Frequency General-Purpose Amp Applications????
2SA1745 SANYO-2SA1745 Datasheet
106Kb / 4P
Low-Frequency General-Purpose Amp Applications
2SA1881 SANYO-2SA1881 Datasheet
123Kb / 4P
Low-Frequency General-Purpose Amp Applications?
2SA1882 SANYO-2SA1882 Datasheet
124Kb / 4P
Low-Frequency General-Purpose Amp Applications?
2SB1295 SANYO-2SB1295 Datasheet
114Kb / 4P
Low-Frequency General-Purpose Amp Applications???
2SC4413 SANYO-2SC4413 Datasheet
82Kb / 3P
Low-Frequency General-Purpose Amp Applications??????????
2SC5155 SANYO-2SC5155 Datasheet
89Kb / 3P
Low-Frequency General-Purpose Amp Applications?
2SK303 SANYO-2SK303 Datasheet
86Kb / 3P
Low-Frequency General-Purpose Amp Applications
FC118 SANYO-FC118 Datasheet
77Kb / 3P
Low-Frequency General-Purpose Amp Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com