Electronic Components Datasheet Search
  English  ▼

X  

MIC23060 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC23060
Description  Sequenced Power Management IC with HyperLight Load??DC/DC and Dual Input LDO?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23060 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC23060 Datasheet HTML 7Page - Micrel Semiconductor MIC23060 Datasheet HTML 8Page - Micrel Semiconductor MIC23060 Datasheet HTML 9Page - Micrel Semiconductor MIC23060 Datasheet HTML 10Page - Micrel Semiconductor MIC23060 Datasheet HTML 11Page - Micrel Semiconductor MIC23060 Datasheet HTML 12Page - Micrel Semiconductor MIC23060 Datasheet HTML 13Page - Micrel Semiconductor MIC23060 Datasheet HTML 14Page - Micrel Semiconductor MIC23060 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Micrel, Inc.
MIC23060
April 2010
13
M9999-042210-B
Evaluation Board Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
GRM188R60J475KE19D
Murata
(1)
C1, C2
C1608X5R0J475K
TDK
(2)
Ceramic Capacitor, 4.7µF, 6.3V, X5R
2
C3
GRM188R71C105KA12D
Murata
Ceramic Capacitor, 1µF, 6.3V, X7R
1
C4
GRM188R71C103K
Murata
Ceramic Capacitor, 10nF, 6.3V, X7R
1
LQM2MPN2R2NG0L
Murata
2mm x 1.6mm Multilayer Inductor, 2.2µH, 1.2A
L1
VLS201610ET-2R2M
TDK
2mm x 1.6mm Power Inductor, 2.2µH, 1A
1
SW1
418121270803
Wurth
(3)
2.54mm small SMD DIP Switch (w/raised actuator)
1
R1, R2,
R3
CRCW06031004FKEYE3
Vishay
(4)
Resistor, 1M, 1%. 1/16W, Size 0603
3
U1
MIC23060-G4YMT
Micrel, Inc.
(5)
Sequenced digital power management IC
1
Notes:
1. Murata: www.murata.com
2. TDK: www.tdk.com
3. Wurth Elektrik: www.we-online.com
4. Vishay: www.vishay.com.
5. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com