Electronic Components Datasheet Search
  English  ▼

X  

FC119 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC119
Description  High-Frequency General-Purpose Amp, Differential Amp Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC119 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC119 Datasheet HTML 1Page - Sanyo Semicon Device FC119 Datasheet HTML 2Page - Sanyo Semicon Device FC119 Datasheet HTML 3Page - Sanyo Semicon Device FC119 Datasheet HTML 4Page - Sanyo Semicon Device FC119 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
52098HA (KT)/6169MO/5129MO, TS No.3061-1/5
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
NPN Epitaxial Planar Silicon Transistor
High-Frequency General-Purpose Amp,
Differential Amp Applications
Ordering number:EN3061A
FC119
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
3V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
2V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
3A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Package Dimensions
unit:mm
2068
[FC119]
E1:Emitter1
E2:Emitter2
B2:Base2
C2:Collerctor2
B1:Base1
C1:Collector1
SANYO:CP6
Features
· Composite type with 2 transistors contained in the
CP package currently in use, improving the mount-
ing efficiency greatly.
· The FC119 is formed with two chips, being equiva-
lent to the 2SC2814, placed in one package.
· Excellent in thermal equilibrium and pair capability.
Electrical Connection
Specifications
Absolute Maximum Ratings at Ta = 25˚C
˚C
˚C
Note: The specifications shown above are for each individual transistor.
Marking:119
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
1
=
E 0
=1
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
=
C 0
=1
.
0A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
6
=
C
A
m
1
=0
80
0
2
o
i
t
a
R
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
-
/
ll
a
m
s
(
)
e
g
r
a
l
V E
C
I
,
V
6
=
C
A
m
1
=8
.
08
9
.
0
p
o
r
D
e
g
a
t
l
o
V
r
e
t
t
i
m
E
o
t
e
s
a
BV E
B
e
g
r
a
l
(
)
ll
a
m
s
-
V E
C
I
,
V
6
=
C
A
m
1
=0
.
15
1V
m
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
6
=
C
A
m
1
=0
0
20
2
3z
H
M
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Re
r
CV E
C
z
H
M
1
=
f
,
V
6
=5
9
.
02
.
1F
p
t
n
a
t
s
n
o
C
e
m
i
T
r
o
t
c
e
ll
o
C
o
t
e
s
a
Br b
b c
' c
V E
C
I
,
V
6
=
C
z
H
M
9
.
1
3
=
f
,
A
m
1
=0
2s
p
e
r
u
g
i
F
e
s
i
o
NF
NV E
C
I
,
V
6
=
C
z
H
M
0
0
1
=
f
,
A
m
1
=0
.
3B
d
n
i
a
G
r
e
w
o
PG
PV E
C
I
,
V
6
=
C
z
H
M
0
0
1
=
f
,
A
m
1
=5
2B
d
Electrical Characteristics at Ta = 25˚C


Similar Part No. - FC119

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC11 SANYO-FC11 Datasheet
92Kb / 3P
Low-Frequency General-Purpose Amp, Differential Amp Applications
FC110 SANYO-FC110 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
logo
Beckhoff Automation Gmb...
FC1100 BECKHOFF-FC1100 Datasheet
115Kb / 2P
Infrastructure, 1-channel fieldbus card, EtherCAT, slave, PCI, RJ45
logo
Sanyo Semicon Device
FC111 SANYO-FC111 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications
FC112 SANYO-FC112 Datasheet
53Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications
More results

Similar Description - FC119

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1683 SANYO-2SA1683 Datasheet
115Kb / 4P
High-Frequency General-Purpose Amp, High-Frequency Power Amp Applications?
2SC2814 SANYO-2SC2814 Datasheet
110Kb / 4P
High-Frequency General-Purpose Amp Applications???
2SC3142 SANYO-2SC3142 Datasheet
136Kb / 5P
High-Frequency General-Purpose Amp Applications????
2SK1066 SANYO-2SK1066 Datasheet
210Kb / 6P
High-Frequency General-Purpose Amp Applications?
FC11 SANYO-FC11 Datasheet
92Kb / 3P
Low-Frequency General-Purpose Amp, Differential Amp Applications
FC120 SANYO-FC120 Datasheet
174Kb / 6P
High-Frequency General-Purpose Amp, Differential Amp Applications
FC13 SANYO-FC13 Datasheet
102Kb / 3P
Low-Frequency General-Purpose Amp, Differential Amp, Analog Switch Applications
FC152 SANYO-FC152 Datasheet
130Kb / 4P
High-Frequency Amp, Differential Amp Applications
FP201 SANYO-FP201 Datasheet
83Kb / 3P
High-Frequency Amp, Differential Amp Applications
FP215 SANYO-FP215 Datasheet
87Kb / 3P
High-Frequency Amp, Differential Amp Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com