Electronic Components Datasheet Search
  English  ▼

X  

S2385 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S2385
Description  Low bias operation, for 800 nm band
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S2385 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S2385 Datasheet HTML 1Page - Hamamatsu Corporation S2385 Datasheet HTML 2Page - Hamamatsu Corporation S2385 Datasheet HTML 3Page - Hamamatsu Corporation S2385 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si APD
S2381 to S2385, S5139, S8611, S3884, S4315 series
2.54 ± 0.2
CASE
1.2 MAX.
0.45
LEAD
4.65 ± 0.1
5.4 ± 0.2
KAPDA0010EA
s
s
s
s
s Dimensional outlines (unit: mm)
KAPDA0018EA
0.45
LEAD
4.7 ± 0.1
5.4 ± 0.2
2.54 ± 0.2
CASE
PHOTOSENSITIVE
SURFACE
WINDOW
2.0 MIN.
1.2 MAX.
4.65 ± 0.1
5.4 ± 0.2
PHOTOSENSITIVE
SURFACE
1.5 LENS
0.45
LEAD
2.54 ± 0.2
CASE
1.2 MAX.
KAPDA0031EA
KAPDA0012EA
KAPDA0013ED
0.45
LEAD
8.1 ± 0.1
PHOTOSENSITIVE
SURFACE
9.1 ± 0.2
5.08 ± 0.2
CASE
WINDOW
5.9 ± 0.1
1.5 MAX.
The glass window may extend
a maximum of 0.2 mm beyond
the upper surface of the cap.
INDEX MARK
1.4
0.45
LEAD
12.35 ± 0.1
13.9 ± 0.2
7.5 ± 0.2
WINDOW
10.5 ± 0.1
PHOTOSENSITIVE
SURFACE
CASE
1.0 MAX.
The glass window may extend
a maximum of 0.2 mm beyond
the upper surface of the cap.
➀ S2381, S2382, S2383/-10
➁ S5139
➂ S8611
➄ S2384
➅ S2385
3
KAPDA0011EB
PHOTOSENSITIVE
SURFACE
5.08 ± 0.2
CASE
1.5 MAX.
0.45
LEAD
WINDOW
3.0 MIN.
9.1 ± 0.2
8.2 ± 0.1
➃ S3884



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com