Electronic Components Datasheet Search
  English  ▼

X  

FC132 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC132
Description  NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC132 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC132 Datasheet HTML 1Page - Sanyo Semicon Device FC132 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52098HA (KT)/2190MO, TS No.3286-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
NPN Epitaxial Planar Silicon Composite Transistor
Switching Applications
(with Bias Resistance)
Ordering number:EN3286
FC132
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
4
=
E 0
=1
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
E
C
V B
C
I
,
V
0
4
=
E 0
=5
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
5
=
C 0
=7
68
85
2
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
5
=
C
A
m
5
=0
7
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
=
C
A
m
5
=0
5
2z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
=3
.
3F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
1
=
B
A
m
5
.
0
=1
.
03
.
0V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
=
E 0
=0
5V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
µ
0
0
1
=
E
B =∞
0
5V
e
g
a
t
l
o
V
e
t
a
t
S
-
F
F
O
t
u
p
n
IV
)
f
f
o
(
I
V E
C
I
,
V
5
=
C
A
µ
0
0
1
=5
.
07
.
09
.
0V
e
g
a
t
l
o
V
e
t
a
t
S
-
N
O
t
u
p
n
IV
)
n
o
(
I
V E
C
I
,
V
2
.
0
=
C
A
m
5
=7
.
00
.
10
.
2V
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I1
R7
0
13
1k
Ω
o
i
t
a
R
e
c
n
c
a
t
s
i
s
e
R2
R
/
1
R3
9
1
.
03
1
2
.
04
3
2
.
0
Specifications
Absolute Maximum Ratings at Ta = 25˚C
E1:Emitter 1
B1:Base 1
C2:Collector 2
E2:Emitter 2
B2:Base 2
C1:Collector 1
SANYO:CP6
Package Dimensions
unit:mm
2067
[FC132]
Features
· On-chip bias resistances (R1=10k
Ω, R2=47kΩ).
· Composite type with 2 transistors contained in the
CP package currently in use, improving the mount-
ing efficiency greatly.
· The FC132 is formed with two chips, being equiva-
lent to the 2SC4047, placed in one package.
· Excellent in thermal equilibrium and pair capability.
Electrical Connection
˚C
˚C
Electrical Characteristics at Ta = 25˚C
Note:The specifications shown above are for each individual transistor.
Marking:132
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
5V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
5V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
1A
m
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
k
a
e
PI P
C
0
0
2A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–


Similar Part No. - FC132

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC13 SANYO-FC13 Datasheet
102Kb / 3P
Low-Frequency General-Purpose Amp, Differential Amp, Analog Switch Applications
FC130 SANYO-FC130 Datasheet
36Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
logo
List of Unclassifed Man...
FC1306T ETC2-FC1306T Datasheet
1Mb / 27P
Single Chip Controller for PC ATA Card Adapters
logo
Sanyo Semicon Device
FC131 SANYO-FC131 Datasheet
37Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC133 SANYO-FC133 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
More results

Similar Description - FC132

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC123 SANYO-FC123 Datasheet
37Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC124 SANYO-FC124 Datasheet
36Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC126 SANYO-FC126 Datasheet
35Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC128 SANYO-FC128 Datasheet
37Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC130 SANYO-FC130 Datasheet
36Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC134 SANYO-FC134 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC136 SANYO-FC136 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC138 SANYO-FC138 Datasheet
43Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC143 SANYO-FC143 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC144 SANYO-FC144 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com