Electronic Components Datasheet Search
  English  ▼

X  

MPC8315E Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
20
Freescale Semiconductor
DDR and DDR2 SDRAM
Table 14 provides the DDR capacitance when GVDD(typ) = 2.5 V.
Table 15 provides the current draw characteristics for MVREF.
7.2
DDR and DDR2 SDRAM AC Electrical Characteristics
This section provides the AC electrical characteristics for the DDR and DDR2 SDRAM interface.
7.2.1
DDR and DDR2 SDRAM Input AC Timing Specifications
Table 16 lists the input AC timing specifications for the DDR2 SDRAM (GVDD(typ) = 1.8 V).
Table 17 lists the input AC timing specifications for the DDR SDRAM when GVDD(typ)=2.5 V.
Table 14. DDR SDRAM Capacitance for GVDD(typ) = 2.5 V Interface
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input/output capacitance: DQ,DQS
CIO
68
pF
1
Delta input/output capacitance: DQ, DQS
CDIO
—0.5
pF
1
Note:
1. This parameter is sampled. GVDD = 2.5 V ± 0.125 V, f = 1 MHz, TA =25°C, VOUT = GVDD/2, VOUT (peak-to-peak) = 0.2 V.
Table 15. Current Draw Characteristics for MVREF
Parameter / Condition
Symbol
Min
Max
Unit
Note
Current draw for MVREF
IMVREF
—
500
μA1
Note:
1. The voltage regulator for MVREF must be able to supply up to 500 μA current.
Table 16. DDR2 SDRAM Input AC Timing Specifications for 1.8-V Interface
At recommended operating conditions with GVDD of 1.8V ± 100 mV
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—
MVREF – 0.45
V
—
AC input high voltage
VIH
MVREF + 0.45
—
V
—
Table 17. DDR SDRAM Input AC Timing Specifications for 2.5 V Interface
At recommended operating conditions with GVDD of 2.5V ± 200 mV
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—
MVREF – 0.51
V
AC input high voltage
VIH
MVREF + 0.51
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com