Electronic Components Datasheet Search
  English  ▼

X  

FC142 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC142
Description  PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC142 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC142 Datasheet HTML 1Page - Sanyo Semicon Device FC142 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52098HA (KT)/7190MO, TA (KOTO) No.3477-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
PNP Epitaxial Planar Silicon Composite Transistor
Switching Applications
(with Bias Resistance)
Ordering number:EN3477
FC142
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
4
–
=
E 0
=1
.
0
–A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
E
C
V B
C
I
,
V
0
4
–
=
E 0
=5
.
0
–A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
5
–
=
C 0
=2
6
2
–0
4
3
–5
8
4
–A
µ
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
5
–
=
C
A
m
0
1
–
=0
5
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
5
–
=
C
A
m
5
=0
0
2z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
–
=1
.
5F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
1
–
=
B
A
m
5
.
0
–
=1
.
0
–3
.
0
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
–
=
E 0
=0
5
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
µ
0
0
1
–
=
E
B =∞
0
5
–V
e
g
a
t
l
o
V
e
t
a
t
S
-
F
F
O
t
u
p
n
IV
)
f
f
o
(
I
V E
C
I
,
V
5
–
=
C
A
µ
0
0
1
–
=7
.
0
–5
8
.
0
–5
9
.
0
–V
e
g
a
t
l
o
V
e
t
a
t
S
-
N
O
t
u
p
n
IV
)
n
o
(
I
V E
C
I
,
V
2
.
0
–
=
C
A
m
0
1
–
=5
9
.
0
–3
.
1
–0
.
2
–V
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I1
R3
.
37
.
41
.
6k
Ω
o
i
t
a
R
e
c
n
a
t
s
i
s
e
R2
R
/
1
R
7
4
.
0
Specifications
Absolute Maximum Ratings at Ta = 25˚C
C1:Collector 1
C2:Collector 2
B2:Base 2
EC:Emitter Common
B1:Base 1
SANYO:CP5
Package Dimensions
unit:mm
2066
[FC142]
Features
· On-chip bias resistance (R1=4.7k
Ω, R2=10kΩ).
· Composite type with 2 transistors contained in the
CP package currently in use, improving the mount-
ing efficiency greatly.
· The FC142 is formed with two chips, being equiva-
lent to the 2SA1653, placed in one package.
· Excellent in thermal equilibrium and pair capability.
Electrical Connection
˚C
˚C
Electrical Characteristics at Ta = 25˚C
Note:The specifications shown above are for each individual transistor.
Marking:142
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
5
–V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
5
–V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6
–V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
1
–A
m
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
k
a
e
PI P
C
0
0
2
–A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–


Similar Part No. - FC142

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC140 SANYO-FC140 Datasheet
100Kb / 3P
High-Speed Switching Applications
logo
Amphenol Communications...
FC14150-0 AMPHENOLCS-FC14150-0  Datasheet
166Kb / 1P
Cable assembly with T812 series connector w/o SR
FC14150-S AMPHENOLCS-FC14150-S  Datasheet
169Kb / 1P
Cable assembly with T812 series connector w/SR
logo
Sanyo Semicon Device
FC143 SANYO-FC143 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
logo
Amphenol Communications...
FC14300-0 AMPHENOLCS-FC14300-0  Datasheet
166Kb / 1P
Cable assembly with T812 series connector w/o SR
More results

Similar Description - FC142

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC121 SANYO-FC121 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC123 SANYO-FC123 Datasheet
37Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC124 SANYO-FC124 Datasheet
36Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC125 SANYO-FC125 Datasheet
36Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC127 SANYO-FC127 Datasheet
37Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC129 SANYO-FC129 Datasheet
36Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC131 SANYO-FC131 Datasheet
37Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC133 SANYO-FC133 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC135 SANYO-FC135 Datasheet
45Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC137 SANYO-FC137 Datasheet
43Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com