Electronic Components Datasheet Search
  English  ▼

X  

FC144 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC144
Description  NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC144 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC144 Datasheet HTML 1Page - Sanyo Semicon Device FC144 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52098HA (KT)/7190MH, TA (KOTO) No.3479-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
NPN Epitaxial Planar Silicon Composite Transistor
Switching Applications
(with Bias Resistance)
Ordering number:EN3479
FC144
Specifications
Absolute Maximum Ratings at Ta = 25˚C
C1:Collector 1
C2:Collector 2
B2:Base 2
EC:Emitter Common
B1:Base 1
SANYO:CP5
Package Dimensions
unit:mm
2066
[FC144]
Applications
· Switching circuits, inverter circuits, interface circuits,
driver circuits.
Features
· On-chip bias resistances (R1=2.2kΩ, R2=10kΩ).
· Composite type with 2 transistors contained in the CP
package currently in use, improving the mounting
efficiency greatly.
· The FC144 is formed with two chips, being equiva-
lent to the 2SC3863, placed in one package.
· Excellent in thermal equilibrium and pair capability.
Electrical Connection
˚C
˚C
Electrical Characteristics at Ta = 25˚C
Note:The specifications shown above are for each individual transistor.
Marking:144
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
5V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
5V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
1A
m
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
k
a
e
PI P
C
0
0
2A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
4
=
E 0
=1
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
E
C
V E
C
I
,
V
0
4
=
E 0
=5
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
5
=
C 0
=5
1
30
1
40
9
5A
µ
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
5
=
C
A
m
0
1
=0
5
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
=
C
A
m
5
=0
5
2z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
=3
.
3F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
1
=
B
A
m
5
.
0
=1
.
03
.
0V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
=
E 0
=0
5V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
µ
0
0
1
=
E
B =∞
0
5V
e
g
a
t
l
o
V
e
t
a
t
S
-
F
F
O
t
u
p
n
IV
)
f
f
o
(
I
V E
C
I
,
V
5
=
C
A
µ
0
0
1
=5
.
07
.
09
.
0V
e
g
a
t
l
o
V
e
t
a
t
S
-
N
O
t
u
p
n
IV
)
n
o
(
I
V E
C
I
,
V
2
.
0
=
C
A
m
0
1
=7
.
00
.
18
.
1V
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I1
R2
.
12
.
29
.
2k
Ω
o
i
t
a
R
e
c
n
a
t
s
i
s
e
R2
R
/
1
R8
9
1
.
02
2
.
02
4
2
.
0


Similar Part No. - FC144

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC140 SANYO-FC140 Datasheet
100Kb / 3P
High-Speed Switching Applications
logo
Amphenol Communications...
FC14150-0 AMPHENOLCS-FC14150-0  Datasheet
166Kb / 1P
Cable assembly with T812 series connector w/o SR
FC14150-S AMPHENOLCS-FC14150-S  Datasheet
169Kb / 1P
Cable assembly with T812 series connector w/SR
logo
Sanyo Semicon Device
FC142 SANYO-FC142 Datasheet
46Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC143 SANYO-FC143 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
More results

Similar Description - FC144

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC123 SANYO-FC123 Datasheet
37Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC124 SANYO-FC124 Datasheet
36Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC126 SANYO-FC126 Datasheet
35Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC128 SANYO-FC128 Datasheet
37Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC130 SANYO-FC130 Datasheet
36Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC132 SANYO-FC132 Datasheet
47Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC134 SANYO-FC134 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC136 SANYO-FC136 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC138 SANYO-FC138 Datasheet
43Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
FC143 SANYO-FC143 Datasheet
44Kb / 2P
NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com