Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTAUGGA Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTAUGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTAUGGA Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTAUGGA Datasheet HTML 104Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 105Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 106Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 107Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 108Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 109Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 110Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 111Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
108
Freescale Semiconductor
Package and Pinout
Power and Ground Signals
GND
A23, A26, A32, B3, B6, B9, B12, B18, B21, B23,
B24, B25, B26, B27, C15, C24, D5, D8, D11, D17,
D20, D23, D24, D28, E13, E14, E24, E31, F3, F7,
F15, F18, F22, F24, F27, G8, G16, G19, G23, H5,
H12, H13, H15, H16, H18, H19, H21, H22, J2, J7,
J10, J14, J15, J16, J17, J18, J19, J20, J21, J22,
J29, J31, J32, K14, K15, K16, K17, K18, K19, K20,
K21, K22, K24, L1, L4, L9, L12, L15, L16, L17, L18,
L19, L20, L21, L22, L23, M12, M13, M18, M20, M21,
M23, N4, N8, N11, N13, N15, N17, N19, N21, N23,
P2, P6, P12, P14, P16, P18, P20, P22, P23, R10,
R13, R15, R17, R19, R21, R23, T12, T14, T16, T18,
T20, T22, T23, U4, U8, U13, U15, U17, U19, U21,
U23, V2, V6, V12, V14, V16, V18, V20, V22, V23,
W10, W13, W15, W17, W19, W21, W23, Y12, Y14,
Y16, Y18, Y20, Y22, Y23, AA4, AA8, AA12, AA13,
AA15, AA17, AA19, AA21, AA22, AA23, AB2, AB6,
AB12, AB23, AB29, AB32, AC10, AC23, AC24,
AC25, AC28, AC29, AC30, AC31, AC32, AD16,
AD17, AD19, AD21, AD25, AD26, AD27, AD31,
AE8, AE12, AF2, AF4, AF6, AF16, AF21, AF25,
AG10, AG14, AG18, AG24, AG28, AH23, AJ4, AJ8,
AJ12, AJ21, AJ30, AJ32, AK2, AK10, AK16, AK32,
AL6, AL14, AL18, AL19, AL20, AL22, AL24, AL25,
AL26, AL31, AL32, AM19, AM21, AM23, AM25,
AM30, AM31, AM32
——
—
SCOREGND
K28, K29, K30, L28, L31, M28, M30, N32, P28, P30,
R28, T29, U32, V30, W28, W31, Y28, Y29, AA29,
AA30, AA32, AB28
Ground for
SerDes
receiver
——
XGND
N24, N26, P25, R27, T24, U26, V25, W27, Y24,
AA26, AB25, AC27
Ground for
SerDes
transmitter
——
OVDD
N2, N6, N10, P4, P8, T10, U2, U6, V4, V8, Y10,
AA2, AA6, AB4, AB8, AC19, AC21, AD10, AD23,
AE2, AE6, AE27, AE31, AG4, AG19, AG23, AG25,
AH21, AH28, AH30, AH32, AJ2, AK4, AK25, AK31,
AL27
Power for
PCI and
other
standards
(3.3V)
OVDD
—
LVDD
AC12, AC16, AF12, AF14, AG16, AK12, AK14,
AL16
Power for
eTSEC1 and
eTSEC2
(2.5V,3.3V)
LVDD
—
TVDD
AF8, AJ10, AK6, AK8
Power for QE
UCC1 and
UCC2
Ethernet
Interface
(2,5V,3.3V)
TVDD
—
Table 78. MPC8568E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com