Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTAUGGA Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTAUGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTAUGGA Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTAUGGA Datasheet HTML 105Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 106Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 107Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 108Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 109Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 110Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 111Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 112Page - Freescale Semiconductor, Inc PPC8567ECVTAUGGA Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
109
Package and Pinout
GVDD
B2, B5, B8, B11, B17, B20, C14, D4, D7, D10, D16,
D19, D22, E12, E15, F2, F6, F21, G9, G17, G18,
H4, H11, H14, H20, J3, J6, J9, K13, L2, L5, L8, L11
Power for
DDR1 and
DDR2
DRAM I/O
voltage
(1.8V,2.5V)
GVDD
—
BVDD
B28, D27, D31, F25, F28, H27, H29, H31, K25, K27
Power for
Local Bus
(1.8V, 2.5V,
3.3V)
BVDD
—
VDD
M14, M15, M19, M22, N12, N14, N16, N18, N20,
N22, P13, P15, P17, P19, P21, R12, R14, R16, R18,
R20, R22, T13, T15, T17, T19, T21, U12, U14, U16,
U18, U20, U22, V13, V15, V17, V19, V21, W12,
W14, W16, W18, W20, W22, Y13, Y15, Y17, Y19,
Y21, AA14, AA16, AA18, AA20
Power for
Core (1.1)
VDD
—
SCOREVDD
K31, L32, M29, N28, N31, P29, T28, T30, U31, V29,
W32, Y30, AA31
Core Power
for SerDes
transceivers
(1.1V)
SCOREVDD
—
XVDD
N25, N27, P24, R26, T25, U27, V24, W26, Y25,
AA27, AB24, AC26
Pad Power
for SerDes
transceivers
(1.1V)
XVDD
—
AVDD_LBIU
A25
Power for
local bus PLL
(1.1V)
—26
AVDD_PCI
AM22
Power for
PCI PLL
(1.1V)
—26
AVDD_CE
AM18
Power for QE
PLL
(1.1V)
—26
AVDD_CORE
AM24
Power for
e500 PLL
(1.1V)
—26
AVDD_PLAT
AM20
Power for
CCB PLL
(1.1V)
—26
AVDD_SRDS
R29
Power for
SRDSPLL
(1.1V)
—26
AGND_SRDS
R31
Ground for
SRDSPLL
——
SENSEVDD
M17
O
VDD
13
Table 78. MPC8568E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com