Electronic Components Datasheet Search
  English  ▼

X  

PPC8567CVTAUGGA Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # PPC8567CVTAUGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567CVTAUGGA Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button PPC8567CVTAUGGA Datasheet HTML 98Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 99Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 100Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 101Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 102Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 103Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 104Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 105Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
102
Freescale Semiconductor
Package and Pinout
TSEC2_RXD[7:0]
GPIN[0:7]
Other muxing includes:
LCS[5]
DMA_DREQ[2]
LCS[6]
DMA_DACK[2]
LCS[7]
DMA_DDONE[2]
Table 79 provides the pin-out listing for the MPC8568E 1023 FC-PBGA package.
Table 78. MPC8568E Pinout Listing
Signal
Package Pin Number
Pin Type
Power
Supply
Notes
PCI
PCI_AD[31:0]
AE19, AG20, AF19, AB20, AC20, AG21, AG22,
AB21, AF22, AH22, AE22, AF20, AB22, AE20,
AE23, AJ23, AJ24, AF27, AJ26, AE29, AH24,
AD24, AE25, AE26, AH27, AG27, AJ25, AE30,
AF26, AG26, AF28, AH26
I/O
OVDD
—
PCI_C_BE[3:0]
AC22, AD20, AE28, AH25
I/O
OVDD
—
PCI_GNT[4:1]
AF29, AB18, AC18, AD18
O
OVDD
5,9,35
PCI_GNT0
AE18
I/O
OVDD
—
PCI_IRDY
AF23
I/O
OVDD
2
PCI_PAR
AJ22
I/O
OVDD
PCI_PERR
AF24
I/O
OVDD
2
PCI_SERR
AD22
I/O
OVDD
2,4
PCI_STOP
AE24
I/O
OVDD
2
PCI_TRDY
AK24
I/O
OVDD
2
PCI_REQ[4:1]
AG29, AJ27, AH29, AB17
I
OVDD
—
PCI_REQ[0]
AC17
I/O
OVDD
—
PCI_CLK
AM26
I
OVDD
39
PCI_DEVSEL
AK23
I/O
OVDD
2
PCI_FRAME
AE21
I/O
OVDD
2
PCI_IDSEL
AB19
I
OVDD
—
DDR SDRAM Memory Interface
MDQ[0:63]
B22, C22, E20, A19, C23, A22, A20, C20, G22, E22,
E16, F16, E23, F23, F17, H17, A18, A17, B16, C16,
B19, C19, E17, A16, A13, A14, A12, C12, A15, B15,
B13, C13, G12, G11, H8, F8, D13, F12, E9, F9, A7,
B7, C5, E5, C8, E8, D6, A5, E6, G6, E1, F1, G7, E7,
E2, D1, C4, A3, B1, C1, A4, B4, C2, D2
I/O
GVDD
—
MECC[0:7]
C11, E11, D9, A8, D12, A11, A9, C9
I/O
GVDD
—
MDM[0:8]
A21, E21, D18, B14, F11, A6, G5, A2, A10
O
GVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com