Electronic Components Datasheet Search
  English  ▼

X  

PPC8567CVTAUGGA Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PPC8567CVTAUGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567CVTAUGGA Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PPC8567CVTAUGGA Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
12
Freescale Semiconductor
Electrical Characteristics
Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8568E.
Figure 2. Overshoot/Undershoot Voltage for BVDD/GVDD/LVDD/TVDD/OVDD
Three-speed Ethernet I/O voltage
LVDD
TVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
V—
PCI, DUART, system control and power management, I2C, and JTAG I/O
voltage
OVDD
3.3 V ± 165 mV
V
—
Local bus I/O voltage
BVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
V—
Input voltage
DDR and DDR2 DRAM signals
MVIN
GND to GVDD
V—
DDR and DDR2 DRAM reference
MVREF
GND to GVDD/2
V
—
Three-speed Ethernet signals
LVIN
TVIN
GND to LVDD
GND to TVDD
V—
Local bus signals
BVIN
GND to BVDD
V—
PCI, DUART, SYSCLK, system control and power
management, I2C, and JTAG signals
OVIN
GND to OVDD
V—
Junction temperature range
Tj
0 to105
oC—
Table 3. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value
Unit Notes
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
B/G/L/T/OVDD + 20%
B/G/L/T/OVDD
B/G/L/T/OVDD + 5%
of tCLOCK
1
1. Note that tCLOCK refers to the clock period associated with the respective interface
VIH
VIL
Note:
For I2C and JTAG, tCLOCK references SYSCLK.
For DDR, tCLOCK references MCLK.
For eTSEC, tCLOCK references EC_GTX_CLK125.
For LBIU, tCLOCK references LCLK.
For PCI, tCLOCK references PCI_CLK or SYSCLK.
For SerDes, tCLOCK references SD_REF_CLK.
2. Note that with the PCI overshoot allowed (as specified above), the device
does not fully comply with the maximum AC ratings and device protection guideline
outlined in the PCI rev. 2.2 standard (section 4.2.2.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com