Electronic Components Datasheet Search
  English  ▼

X  

PPC8567CVTAUGGA Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # PPC8567CVTAUGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567CVTAUGGA Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button PPC8567CVTAUGGA Datasheet HTML 127Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 128Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 129Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 130Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 131Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 132Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 133Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 134Page - Freescale Semiconductor, Inc PPC8567CVTAUGGA Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
131
System Design Information
Each circuit should be placed as close as possible to the specific AVDD type pin being supplied to minimize
noise coupled from nearby circuits. It should be possible to route directly from the capacitors to the AVDD
type pin, which is on the periphery of 1023FC-PBGA the footprint, without the inductance of vias.
Figure 73 shows the PLL power supply filter circuits for all PLLs except SerDes PLL.
Figure 73. MPC8568E PLL Power Supply Filter Circuit
The AVDD_SRDS signal provides power for the analog portions of the SerDes PLL. To ensure stability of
the internal clock, the power supplied to the PLL is filtered using a circuit similar to the one shown in
following figure. For maximum effectiveness, the filter circuit is placed as closely as possible to the
AVDD_SRDS and AGND_SRDS ball to ensure it filters out as much noise as possible. The 0.003-µF
capacitor is closest to the ball, followed by the 2.2-µF capacitors, and finally the 1 ohm resistor to the board
supply plane. Use ceramic chip capacitors with the highest possible self-resonant frequency. All traces
should be kept short, wide and direct.
Figure 74. SerDes PLL Power Supply Filter
Note the following:
•AVDD_SRDS should be a filtered version of SCOREVDD.
•
The transmitter output signals on the SerDes interface are fed from the XVDD power plan.
•
Power: XVDD consumes less than 300mW. SCOREVDD + AVDD_SRDS consumes less than
750mW.
25.3
Decoupling Recommendations
Due to large address and data buses, and high operating frequencies, the device can generate transient
power surges and high frequency noise in its power supply, especially while driving large capacitive loads.
MPC8568E system, and the device itself requires a clean, tightly regulated source of power. Therefore, it
is recommended that the system designer place at least one decoupling capacitor at each VDD, TVDD,
BVDD, OVDD, GVDD, and LVDD pin of the device. These decoupling capacitors should receive their
power from separate VDD,TVDD, BVDD, OVDD, GVDD, and LVDD and GND power planes in the PCB,
utilizing short traces to minimize inductance. Capacitors may be placed directly under the device using a
standard escape pattern. Others may surround the part.
VDD
AVDD
2.2
μF
2.2
μF
GND
Low ESL Surface Mount Capacitors
10
Ω
2.2
μF1 0.003 μF
AGND_SRDS
1.0
Ω
AVDD_SRDS
1. An 0805 sized capacitor is recommended for system initial bring-up.
SCOEVDD
2.2
μF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com