Electronic Components Datasheet Search
  English  ▼

X  

PPC8567EVTAUGGA Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # PPC8567EVTAUGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567EVTAUGGA Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button PPC8567EVTAUGGA Datasheet HTML 39Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 42Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 46Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
43
Ethernet Interface and MII Management
Figure 22 shows the MII management AC timing diagram.
Figure 22. MII Management Interface Timing Diagram
MDC period
tMDC
400
—
ns
2
MDC clock pulse width high
tMDCH
32
—
ns
—
MDC to MDIO delay
tMDKHDX
(16*tplb_clk)-3
(16*tplb_clk)+3
ns
3, 5
MDIO to MDC setup time
tMDDVKH
5—
ns
—
MDIO to MDC hold time
tMDDXKH
0—
ns
—
MDC rise time
tMDCR
—10
ns
4
MDC fall time
tMDCF
—10
ns
4
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tMDKHDX symbolizes management data timing (MD) for the time tMDC from clock reference (K) high (H) until data
outputs (D) are invalid (X) or data hold time. Also, tMDDVKH symbolizes management data timing (MD) with respect
to the time data input signals (D) reach the valid state (V) relative to the tMDC clock reference (K) going to the high
(H) state or setup time. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F
(fall).
2. IEEE 802.3 standard specifies that the max MDC frequency to be 2.5MHz. The frequency is programmed through
MIIMCFG[MgmtClk].
3. This parameter is dependent on the platform clock speed. The delay is equal to 16 platform clock periods +/-3ns. With a
platform clock of 333MHz, the min/max delay is 48ns +/- 3ns.
4. Guaranteed by design
5. tplb_clk is the platform (CCB) clock period.
6. MDC to MDIO data valid tMDKHDV is a function of clock period and max delay time (tMDKHDX). (Min Setup time = Cycle
time – Max delay).
Table 38. MII management AC timing specifications (continued)
Parameters
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com