Electronic Components Datasheet Search
  English  ▼

X  

PPC8567EVTAUGGA Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # PPC8567EVTAUGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567EVTAUGGA Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button PPC8567EVTAUGGA Datasheet HTML 97Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 98Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 99Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 100Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 101Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 102Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 103Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 104Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
101
Package and Pinout
4.
Maximum solder ball diameter measured parallel to datum A.
5.
Datum A, the seating plane, is defined by the spherical crowns of the solder balls.
6.
ParalleUsm measurement shall exclude any effect of mark on top surface of package
7.
Capacitors may not be present on all devices.
8.
Caution must be taken not to short capacitors or exposed metal capacitor pads on top of package.
22.3
Pinout Listings
Some of the non-QE signals are multiplexed with QE port pins, as follows:
PC[0]
UART_SOUT[1]
PC[1]
UART_RTS[1]
PC[2]
UART_CTS[1]
PC[3]
UART_SIN[1]
PC[11]
IRQ[8]
PC[12]
IRQ[9]/DMA_DREQ[3]
PC[13]
IRQ[10]/DMA_DACK[3]
PC[14]
IRQ[11]/DMA_DDONE[3]
PC[15]
DMA_DREQ[1]
PC[16]
DMA_DACK[1]
PC[17]
DMA_DDONE[1]
PC[18]
IIC2_SCL
PC[19]
IIC2_SDA
PD[28]
UART_SOUT[1]
PD[29]
UART_RTS[1]
PD[30]
UART_CTS[1]
PD[31]
UART_SIN[1]
This applies to both MPC8568E and MPC8568E. Note that for DUART1, there are two options. DUART0
is multiplexed with PCI Req/Grant pins.
PCI_REQ[3]
UART_CTS[0]
PCI_REQ[4]
UART_SIN[0]
PCI_GNT[3]
UART_RTS[0]
PCI_GNT[4]
UART_SOUT[0]
For MPC8568E, GPIO is multiplexed with the TSEC2 interface:
TSEC2_TXD[7:0]
GPOUT[0:7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com