Electronic Components Datasheet Search
  English  ▼

X  

PPC8567EVTAUGGA Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # PPC8567EVTAUGGA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567EVTAUGGA Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button PPC8567EVTAUGGA Datasheet HTML 131Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 132Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 133Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 134Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 135Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 136Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 137Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 138Page - Freescale Semiconductor, Inc PPC8567EVTAUGGA Datasheet HTML 139Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 136 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
136
Freescale Semiconductor
Ordering Information
•SD_TX[7:0]
25.9.2
Unused input
25.9.2.1
SerDes block power not supplied
If the high speed interface is not used at all, then SCOREVDD/XVDD/AVDD_SRDS can be tied to GND,
all receiver inputs should be tied to the GND as well. This includes:
•SD_RX[7:0]
•SD_RX[7:0]
•SD_REF_CLK
•
SD_REF_CLK
•
SD_RX_CLK
•
SD_RX_FRM_CTL
25.9.2.2
SerDes Interface Partly used
If the high-speed SerDes interface is partly unused, any of the unused receiver pins should be terminated
as follows:
•
SD_RX[7:0] = tied to SCOREGND
•SD_RX[7:0] = tied to SCOREGND
•
SD_REF_CLK = tied to SCOREGND
•SD_REF_CLK = tied to SCOREGND
NOTE
Power down the unused lane through SERDESCR1[0:7] register
(offset = 0xE_0F08) (This prevents the oscillations and holds the receiver
output in a fixed state.) that maps to SERDES lane 0 to lane 7 accordingly.
During HRESET/POR, the high-speed interface must be in Serial RapidIO mode and/or PCI Express mode
according to the state of the PE[8:10]. Software must disable this mode through DEVDISR[SRIO] or
DEVDISR[PCIE] accordingly during software initialization.
26 Ordering Information
Contact your local Freescale sales office or regional marketing team for order information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com