Electronic Components Datasheet Search
  English  ▼

X  

FC152 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC152
Description  High-Frequency Amp, Differential Amp Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC152 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC152 Datasheet HTML 1Page - Sanyo Semicon Device FC152 Datasheet HTML 2Page - Sanyo Semicon Device FC152 Datasheet HTML 3Page - Sanyo Semicon Device FC152 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
52098HA (KT)/41594TH (KOTO) X-7851 No.4653-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
PNP Epitaxial Planar Silicon Composite Transistor
High-Frequency Amp, Differential Amp
Applications
Ordering number:EN4653
FC152
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
5
2V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
5
1V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
3V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
5A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
1:Emitter 1
2:Base 1
3:Base 2
4:Collector 2
5:Emitter 2
6:Collector 1
SANYO:CP6
Package Dimensions
unit:mm
2104A
[FC152]
Features
· Composite type with 2 transistors contained in the
CP package currently in use, improving the mount-
ing efficiency greatly.
· The FC152 is formed with two chips, being equiva-
lent to the 2SC4270, placed in one package.
· Excellent in thermal equilibrium, pair capability and
especially suited for differerntial amp.
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1:Emitter 1
2:Base 1
3:Base 2
4:Collector 2
5:Emitter 2
6:Collector 1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
2
=
E 0
=1
.
0A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
2
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
0
1
=
C
A
m
5
=0
60
0
2
o
i
t
a
R
n
i
a
G
t
n
e
r
r
u
C
C
Dh
/
ll
a
m
s
(
E
F
)
e
g
r
a
l
V E
C
I
,
V
0
1
=
C
A
m
5
=7
.
05
9
.
0
e
c
n
e
r
e
f
f
i
D
e
g
a
t
l
o
V
E
-
BV
-
e
g
r
a
l
(
E
B
)
ll
a
m
s
V E
C
I
,
V
0
1
=
C 0
=0
.
30
1V
m
t
c
u
d
o
r
P
h
t
d
i
w
d
a
n
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
=
C
A
m
0
1
=5
.
10
.
3z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
=7
.
00
.
1F
p
n
i
a
G
r
e
w
o
PG
PV E
C
I
,
V
0
1
=
C
z
H
G
9
.
0
=
f
,
A
m
0
1
=2
1B
d
e
r
u
g
i
F
e
s
i
o
NF
NV E
C
I
,
V
0
1
=
C
z
H
G
9
.
0
=
f
,
A
m
3
=0
.
3B
d
Note:The specifications shown above are for each individual transistor. However, the specifications of hFE(small/large)
and VBE(large-small) are for pair capability
Marking:152


Similar Part No. - FC152

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC150 SANYO-FC150 Datasheet
145Kb / 4P
Low-Frequency General-Purpose Amp, Driver Applications
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
FC150A9 ETC-FC150A9 Datasheet
1Mb / 14P
POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
FC150S6R5 ETC1-FC150S6R5 Datasheet
1Mb / 14P
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
FC150S6R59 ETC1-FC150S6R59 Datasheet
1Mb / 14P
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
More results

Similar Description - FC152

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC11 SANYO-FC11 Datasheet
92Kb / 3P
Low-Frequency General-Purpose Amp, Differential Amp Applications
FC119 SANYO-FC119 Datasheet
139Kb / 5P
High-Frequency General-Purpose Amp, Differential Amp Applications
FC120 SANYO-FC120 Datasheet
174Kb / 6P
High-Frequency General-Purpose Amp, Differential Amp Applications
FC156 SANYO-FC156 Datasheet
133Kb / 5P
High-Frequency Low-Noise Amp, Differential Amp Applications?
FC157 SANYO-FC157 Datasheet
147Kb / 5P
High-Frequency Low-Noise Amp, Differential Amp Applications???
FC18 SANYO-FC18 Datasheet
146Kb / 5P
High-Frequency Amp, AM Amp, Low-Frequency Amp Applications
FH102 SANYO-FH102 Datasheet
66Kb / 5P
High-Frequency Low-Noise Amp, Differential Amp Applications
FP201 SANYO-FP201 Datasheet
83Kb / 3P
High-Frequency Amp, Differential Amp Applications
FP215 SANYO-FP215 Datasheet
87Kb / 3P
High-Frequency Amp, Differential Amp Applications
2SC3066 SANYO-2SC3066 Datasheet
94Kb / 2P
DIFFERENTIAL AMP APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com