Electronic Components Datasheet Search
  English  ▼

X  

FC154 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC154
Description  High-Speed Switching, High-Frequency Amp Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC154 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC154 Datasheet HTML 1Page - Sanyo Semicon Device FC154 Datasheet HTML 2Page - Sanyo Semicon Device FC154 Datasheet HTML 3Page - Sanyo Semicon Device FC154 Datasheet HTML 4Page - Sanyo Semicon Device FC154 Datasheet HTML 5Page - Sanyo Semicon Device FC154 Datasheet HTML 6Page - Sanyo Semicon Device FC154 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
52098HA (KT)/71095MO (KOTO) TA-0144 No.5099-1/7
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
NPN/PNP Epitaxial Planar Silicon Transistor
High-Speed Switching,
High-Frequency Amp Applications
Ordering number:EN5099
FC154
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
]
)
r
T
N
P
N
(
1
R
T
[
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
5
2V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
5
1V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
3V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
5A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
0
2W
m
]
)
r
T
P
N
P
(
2
R
T
[
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
2
–V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
5
1
–V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
3
–V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
5
–A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
0
2W
m
]
s
g
n
i
t
a
R
n
o
m
m
o
C
[
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2104A
[FC154]
Features
· Composite type with NPN transistor and a PNP
transistor contained in the conventional CP package,
improving the mounting efficiency greatly.
· The FC154 is formed with two chips, being equiva-
lent to the 2SC4270 and the other the 2SA1699,
placed in one package.
Electrical Connection
˚C
˚C
Marking:154
1:Emitter 1
2:Base 1
3:Base 2
4:Collector 2
5:Emitter 2
6:Collector 1
SANYO:CP6
1:Emitter 1
2:Base 1
3:Base 2
4:Collector 2
5:Emitter 2
6:Collector 1
Continued on next page.


Similar Part No. - FC154

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FC15457 CREE-FC15457 Datasheet
1Mb / 26P
Florentina series
FC15461 CREE-FC15461 Datasheet
772Kb / 7P
Florentina series
FC15464 CREE-FC15464 Datasheet
770Kb / 7P
Florentina series
FC15465 CREE-FC15465 Datasheet
765Kb / 7P
Florentina series
FC15467 CREE-FC15467 Datasheet
767Kb / 7P
Florentina series
More results

Similar Description - FC154

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1256 SANYO-2SA1256 Datasheet
122Kb / 4P
High-Frequency Amp Applications
2SA1669 SANYO-2SA1669 Datasheet
111Kb / 5P
High-Frequency Amp Applications???
2SA1963 SANYO-2SA1963 Datasheet
129Kb / 5P
High-Frequency Low-Noise Amp, Ultrahigh-Speed Switching Applications
FC152 SANYO-FC152 Datasheet
130Kb / 4P
High-Frequency Amp, Differential Amp Applications
FP201 SANYO-FP201 Datasheet
83Kb / 3P
High-Frequency Amp, Differential Amp Applications
logo
List of Unclassifed Man...
2SB559 ETC-2SB559 Datasheet
78Kb / 1P
Low Frequency Power Amp, Medium Speed Switching Applications
logo
Toshiba Semiconductor
2SA1483 TOSHIBA-2SA1483_07 Datasheet
165Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed SwitcHing Applications
2SC3803 TOSHIBA-2SC3803_04 Datasheet
153Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SC3803-R TOSHIBA-2SC3803-R Datasheet
167Kb / 4P
High Frequency Amplifier Applications Video Amplifier Applications High Speed Switching Applications
2SC503 TOSHIBA-2SC503 Datasheet
464Kb / 3P
HIGH FREQUENCY AMPLIFIER APPLICATIONS. HIGH SPEED SWITCHING APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com