Electronic Components Datasheet Search
  English  ▼

X  

PPC8567CVTAUGJA Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # PPC8567CVTAUGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567CVTAUGJA Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button PPC8567CVTAUGJA Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 42Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 46Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 47Page - Freescale Semiconductor, Inc PPC8567CVTAUGJA Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
44
Freescale Semiconductor
Local Bus
9
Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the MPC8568.
9.1
Local Bus DC Electrical Characteristics
Table 39 provides the DC electrical characteristics for the local bus interface operating at BVDD = 3.3 V
DC.
Table 40 provides the DC electrical characteristics for the local bus interface operating at BVDD = 2.5 V
DC.
Table 39. Local Bus DC Electrical Characteristics (3.3 V DC)
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(VIN
1 = 0 V or V
IN = BVDD)
IIN
—±5
μA
High-level output voltage
(BVDD = min, IOH = –2 mA)
VOH
2.4
—
V
Low-level output voltage
(BVDD = min, IOL = 2 mA)
VOL
—0.4
V
Note:
1. The symbol VIN, in this case, represents the BVIN symbol referenced in Table 2 and Table 3.
Table 40. Local Bus DC Electrical Characteristics (2.5 V DC)
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
1.70
BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.7
V
Input current
(VIN
1 = 0 V or V
IN = BVDD)
IIH
—10
μA
IIL
–15
High-level output voltage
(BVDD = min, IOH = –1 mA)
VOH
2.0
—
V
Low-level output voltage
(BVDD = min, IOL = 1 mA)
VOL
—0.4
V
Note:
1. The symbol VIN, in this case, represents the BVIN symbol referenced in Table 2 and Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com