Electronic Components Datasheet Search
  English  ▼

X  

FC155 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC155
Description  Constant-Current Circuit Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC155 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC155 Datasheet HTML 1Page - Sanyo Semicon Device FC155 Datasheet HTML 2Page - Sanyo Semicon Device FC155 Datasheet HTML 3Page - Sanyo Semicon Device FC155 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
52098HA (KT)/31495MO (KOTO) TA-0178 No.5063-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
PNP Epitaxial Planar Silicon Transistor (With bias resistances)
PNP Epitaxail Planar Silicon Transistor
Constant-Current Circuit Applications
Ordering number:EN5063
FC155
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
]
1
R
T
[
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
2
–V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
5
1
–V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
–V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
5
–A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
1
–A
t
n
e
r
r
u
C
e
s
a
BIB
5
–A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
]
2
R
T
[
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
2
–V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
5
1
–V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
–V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
5
–A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
1
–A
t
n
e
r
r
u
C
e
s
a
BIB
0
0
1
–A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
t
i
n
u
1
0
0
2W
m
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
0
3W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2104A
[FC155]
Features
· Complex type of 2 devices (transistor with resis-
tances and low saturation transistor) contained in one
package, facilitating high-density mounting.
Electrical Connection
˚C
˚C
1:Emitter 1
2:Base 1
3:Base 2
4:Collector 2
5:Emitter 2
6:Collector 1
SANYO:CP6
1:Emitter 1
2:Base 1
3:Base 2
4:Collector 2
5:Emitter 2
6:Collector 1
˚C
˚C


Similar Part No. - FC155

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FC15514 LEDIL-FC15514 Datasheet
677Kb / 10P
Florentina Assembly
logo
Cree, Inc
FC15516 CREE-FC15516 Datasheet
911Kb / 14P
Florentina series
logo
Ledil, Inc.
FC15517 LEDIL-FC15517 Datasheet
674Kb / 10P
Florentina Assembly
logo
List of Unclassifed Man...
FC15539 ETC2-FC15539 Datasheet
495Kb / 2P
SINGLE AND DUAL-CHANNEL 5-VOLT TRANSCEIVERS
FC15539H ETC2-FC15539H Datasheet
495Kb / 2P
SINGLE AND DUAL-CHANNEL 5-VOLT TRANSCEIVERS
More results

Similar Description - FC155

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38573 ERICSSON-PBL38573 Datasheet
324Kb / 15P
Speech Circuit for constant current feeding systems
logo
NTE Electronics
NTE7208 NTE-NTE7208 Datasheet
66Kb / 4P
Integrated Circuit Constant Current Single Output LED Driver
logo
Sanyo Semicon Device
EN5228-D SANYO-EN5228-D Datasheet
205Kb / 19P
Unipolar Constant-current Chopper (external excitation PWM) Circuit
EN7441-D SANYO-EN7441-D Datasheet
196Kb / 19P
Unipolar Constant-current Chopper (external excitation PWM) Circuit
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
Toshiba Semiconductor
2SJ144-GR TOSHIBA-2SJ144-GR Datasheet
282Kb / 4P
Audio Frequency Amplifier Applications Analog Switch Applications Constant Current Applications Impedance Converter Applications
logo
Linear Technology
LT3956 LINER-LT3956_15 Datasheet
1Mb / 20P
Constant-Current, Constant-Voltage Converter
logo
Arch Electronics Corp.
PLF25_SERIES ARCH-PLF25_SERIES Datasheet
271Kb / 2P
Constant Current
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
Constant current constant voltage IC
logo
Shenzhen Huazhimei Semi...
HM9927 HMSEMI-HM9927 Datasheet
306Kb / 4P
LED linear constant current drive circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com