Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CVTATLD Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # PPC8572CVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CVTATLD Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button PPC8572CVTATLD Datasheet HTML 83Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 84Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 85Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 86Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 87Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 88Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 89Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 90Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
87
PCI Express
TRX-EYE-MEDIAN-to-MAX
-JITTER
Maximum time
between the jitter
median and
maximum
deviation from
the median.
—
—
0.3
UI
Jitter is defined as the measurement
variation of the crossing points (VRX-DIFFp-p
= 0 V) in relation to a recovered TX UI. A
recovered TX UI is calculated over 3500
consecutive unit intervals of sample data.
Jitter is measured using all edges of the
250 consecutive UI in the center of the 3500
UI used for calculating the TX UI. See
Notes 2, 3 and 7.
VRX-CM-ACp
AC Peak
Common Mode
Input Voltage
——
150
mV
VRX-CM-ACp = |VRXD+ +VRXD-|/2 -
VRX-CM-DC
VRX-CM-DC = DC(avg) of |VRX-D+ + VRX-D-|/2
See Note 2
RLRX-DIFF
Differential
Return Loss
15
—
—
dB
Measured over 50 MHz to 1.25 GHz with
the D+ and D- lines biased at +300 mV and
-300 mV, respectively.
See Note 4
RLRX-CM
Common Mode
Return Loss
6
—
—
dB
Measured over 50 MHz to 1.25 GHz with
the D+ and D- lines biased at 0 V. See Note
4
ZRX-DIFF-DC
DC Differential
Input Impedance
80
100
120
Ω
RX DC Differential mode impedance. See
Note 5
ZRX-DC
DC Input
Impedance
40
50
60
Ω
Required RX D+ as well as D- DC
Impedance (50 ± 20% tolerance). See
Notes 2 and 5.
ZRX-HIGH-IMP-DC
Powered Down
DC Input
Impedance
200 k
—
—
Ω
Required RX D+ as well as D- DC
Impedance when the Receiver terminations
do not have power. See Note 6.
VRX-IDLE-DET-DIFFp-p
Electrical Idle
Detect Threshold
65
—
175
mV
VRX-IDLE-DET-DIFFp-p = 2*|VRX-D+ -VRX-D-|
Measured at the package pins of the
Receiver
TRX-IDLE-DET-DIFF-
ENTERTIME
Unexpected
Electrical Idle
Enter Detect
Threshold
Integration Time
—
—
10
ms
An unexpected Electrical Idle (VRX-DIFFp-p <
VRX-IDLE-DET-DIFFp-p) must be recognized
no longer than TRX-IDLE-DET-DIFF-ENTERING
to signal an unexpected idle condition.
Table 62. Differential Receiver (RX) Input Specifications (continued)
Symbol
Parameter
Min
Nominal
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com