Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CVTATLD Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # PPC8572CVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CVTATLD Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button PPC8572CVTATLD Datasheet HTML 115Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 116Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 117Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 118Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 119Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 120Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 121Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 122Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
119
Clocking
As a general guideline when selecting the DDR data rate or platform (CCB) frequency, the following
procedures can be used:
•
Start with the processor core frequency selection;
•
After the processor core frequency is determined, select the platform (CCB) frequency from the
limited options listed in Table 79 and Table 80;
•
Check the CCB to SYSCLK ratio to verify a valid ratio can be choose from Table 78;
•
If the desired DDR data rate can be same as the CCB frequency, use the synchronous DDR mode;
Otherwise, if a higher DDR data rate is desired, use asynchronous mode by selecting a valid DDR
data rate to DDRCLK ratio from Table 81. Note that in asynchronous mode, the DDR data rate
must be greater than the platform (CCB) frequency. In other words, running DDR data rate lower
than the platform (CCB) frequency in asynchronous mode is not supported by MPC8572E.
•
Verify all clock ratios to ensure that there is no violation to any clock and/or ratio specification.
19.2
CCB/SYSCLK PLL Ratio
The CCB clock is the clock that drives the e500 core complex bus (CCB), and is also called the platform
clock. The frequency of the CCB is set using the following reset signals, as shown in Table 78:
•
SYSCLK input signal
•
Binary value on LA[29:31] at power up
Note that there is no default for this PLL ratio; these signals must be pulled to the desired values. Also note
that, in synchronous mode, the DDR data rate is the determining factor in selecting the CCB bus frequency,
because the CCB frequency must equal the DDR data rate. In asynchronous mode, the memory bus clock
frequency is decoupled from the CCB bus frequency.
19.3
e500 Core PLL Ratio
The clock speed for each e500 core can be configured differently, determined by the values of various
signals at power up.
Table 78. CCB Clock Ratio
Binary Value of
LA[29:31] Signals
CCB:SYSCLK Ratio
000
4:1
001
5:1
010
6:1
011
8:1
100
10:1
101
12:1
110
Reserved
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com